Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8043A Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 11Page - Texas Instruments TUSB8043A Datasheet HTML 12Page - Texas Instruments TUSB8043A Datasheet HTML 13Page - Texas Instruments TUSB8043A Datasheet HTML 14Page - Texas Instruments TUSB8043A Datasheet HTML 15Page - Texas Instruments TUSB8043A Datasheet HTML 16Page - Texas Instruments TUSB8043A Datasheet HTML 17Page - Texas Instruments TUSB8043A Datasheet HTML 18Page - Texas Instruments TUSB8043A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
15
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB8043A provides support for USB Battery Charging (BC1.2) and custom charging. Battery charging
support may be enabled on a per port basis through the REG_6h(batEn[3:0]) or the BATEN[4:1] pins.
USB Battery charging support includes both Charging Downstream Port (CDP) and Dedicated Charging Port
(DCP) modes. The DCP mode is compliant with the Chinese Telecommunications Industry Standard YD/T 1591-
2009. CDP is enabled when the upstream port has detected valid VBUS, configured, and host sets port power.
When the upstream port is not connected and battery charging support is enabled, the TUSB8043A enables
DCP mode once all other battery modes such as ACPx have failed or are disabled.
In addition to USB Battery charging (BC1.2), the TUSB8043A supports custom charging indications: Divider
Charging (ACP3, ACP2, ACP1 modes), and Galaxy compatible charging. These custom charging modes are
only supported when upstream port is unconnected and AUTOMODE is enabled. AUTOMODE can be enabled
either thru AUTOENz pin or from Reg_0Ah bit 1 (autoModeEnz) . When in AUTOMODE and upstream port is
disconnected, the port automatically transitions from ACP mode to the DCP mode depending on the portable
device connected. The divided mode places a fixed DC voltage on the ports DP and DM signals which allows
some devices to identify the capabilities of the charger. The default divider mode indicates support for up to 10W
(ACP3). The divider mode can be configured to report a lower-current setting (up to 5 W) through REG_0Ah
(HiCurAcpModeEn).
When the upstream port is not connected and battery charging support is enabled for a port, the TUSB8043A
drives the port power enable active. If AUTOMODE is disabled, then DCP mode is used. If AUTOMODE is
enabled and fully automatic mode is disabled (FullAutoEn bit is cleared (Reg_25h Bit 0) or FULLAUTOz pin = 0),
then TUSB8043A starts with highest enabled divider current mode (ACPx). The TUSB8043A remains in highest
current mode as long as a pull-up is not detected on DP pin. If an pull-up is detected on DP pin, then
TUSB8043A drives the port power enable inactive and switch to Galaxy mode, if enabled, or to DCP mode if
Galaxy mode is disabled. The TUSB8043A again drives the port power enable active. The TUSB8043A remains
in Galaxy mode as long as no pull-up is detected on DP pin. If an pull-up is detected on DP pin, then
TUSB8043A drives the port power enable inactive and transition to DCP mode. The TUSB8043A again drives
the port power enable active. In DCP mode, the TUSB8043A looks for a pull-up detected on DP pin or RxVdat. If
a pull-up or RxVdat is detected on DP, the TUSB8043A remains in DCP mode. If no pull-up or RxVdat is
detected on DP pin after 2 seconds, the TUSB8043A drives the port power enable inactive and transition back to
ACPx mode. This sequence repeats until upstream port is connected.
When Automatic mode is enabled and full automatic mode is enabled (FullAutoEn Reg_25h bit 0 is set or
FULLAUTOz pin = 1), TUSB8043A performs same sequence described in previous paragraph with the addition
of attempting all supported ACPx modes before sequencing to Galaxy Mode (if enabled) or DCP mode.
The supported battery charging modes when TUSB8043A configured for SMBus or external EEPROM is detailed
in Battery Charging Modes with SMBus/EEPROM Table.
The supported battery charging modes when TUSB8043A configured for I2C but without an external EEPROM is
determined by the sampled state of the pins. These modes are detailed in Battery Charging Modes without
EEPROM Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com