Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8043A Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 36Page - Texas Instruments TUSB8043A Datasheet HTML 37Page - Texas Instruments TUSB8043A Datasheet HTML 38Page - Texas Instruments TUSB8043A Datasheet HTML 39Page - Texas Instruments TUSB8043A Datasheet HTML 40Page - Texas Instruments TUSB8043A Datasheet HTML 41Page - Texas Instruments TUSB8043A Datasheet HTML 42Page - Texas Instruments TUSB8043A Datasheet HTML 43Page - Texas Instruments TUSB8043A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
DC
PWR
TUSB8043A
USB
Type B
Connector
USB Type A
Connector
USB
PWR
SWITCH
US Port
DS Port 1
DS Port 2
USB Type A
Connector
USB Type A
Connector
USB Type A
Connector
DS Port 3
DS Port 4
USB
PWR
SWITCH
40
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TUSB8043A is a four-port USB 3.2 x1 Gen1 compliant hub. It provides simultaneous SuperSpeed USB and
high-speed/full-speed connections on the upstream port and provides SuperSpeed USB, high-speed, full-speed,
or low speed connections on the downstream port. The TUSB8043A can be used in any application that needs
additional USB compliant ports. For example, a specific notebook may only have two downstream USB ports. By
using the TUSB8043A, the notebook can increase the downstream port count to five.
9.2 Typical Application
9.2.1 Discrete USB Hub Product
A common application for the TUSB8043A is as a self powered standalone USB hub product. The product is
powered by an external 5V DC Power adapter. In this application, using a USB cable TUSB8043A upstream port
is plugged into a USB Host controller. The downstream ports of the TUSB8043A are exposed to users for
connecting USB hard drives, cameras, flash drives, and so forth.
Figure 27. Discrete USB Hub Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com