Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8043A Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 22Page - Texas Instruments TUSB8043A Datasheet HTML 23Page - Texas Instruments TUSB8043A Datasheet HTML 24Page - Texas Instruments TUSB8043A Datasheet HTML 25Page - Texas Instruments TUSB8043A Datasheet HTML 26Page - Texas Instruments TUSB8043A Datasheet HTML 27Page - Texas Instruments TUSB8043A Datasheet HTML 28Page - Texas Instruments TUSB8043A Datasheet HTML 29Page - Texas Instruments TUSB8043A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.2 ROM Signature Register
Figure 3. Register Offset 0h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 7. Bit Descriptions – ROM Signature Register
Bit
Field
Type
Description
7:0
romSignature
RW
ROM Signature Register. This register is used by the TUSB8043A in
I2C mode to validate the attached EEPROM has been programmed.
The first byte of the EEPROM is compared to the mask 55h and if not
a match, the TUSB8043A aborts the EEPROM load and executes with
the register defaults.
8.5.3 Vendor ID LSB Register
Figure 4. Register Offset 1h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
1
0
0
0
1
Table 8. Bit Descriptions – Vendor ID LSB Register
Bit
Field
Type
Description
7:0
vendorIdLsb
RO/RW
Vendor ID LSB. Least significant byte of the unique vendor ID
assigned by the USB-IF; the default value of this register is 51h
representing the LSB of the TI Vendor ID 0451h. The value may be
over-written to indicate a customer Vendor ID.
Value used for this field is the non-zero value written by
EEPROM/SMBus to both PID and VID. If a zero value is written by
EEPROM/SMbus to both PID and VID, then value used for this field is
the non-zero value from OTP. If a zero value is written by OTP, then
value used for this field is 51h.
8.5.4 Vendor ID MSB Register
Figure 5. Register Offset 2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
0
Table 9. Bit Descriptions – Vendor ID MSB Register
Bit
Field
Type
Description
7:0
vendorIdMsb
RO/RW
Vendor ID MSB. Most significant byte of the unique vendor ID
assigned by the USB-IF; the default value of this register is 04h
representing the MSB of the TI Vendor ID 0451h. The value may be
over-written to indicate a customer Vendor ID.
Value used for this field is the non-zero value written by
EEPROM/SMBus to both PID and VID. If a zero value is written by
EEPROM/SMbus to both PID and VID, then value used for this field is
the non-zero value from OTP. If a zero value is written by OTP, then
value used for this field is 04h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com