Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TXB0101DBVR
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TXB0101DBVR Datasheet HTML 17Page - Texas Instruments TXB0101DBVR Datasheet HTML 18Page - Texas Instruments TXB0101DBVR Datasheet HTML 19Page - Texas Instruments TXB0101DBVR Datasheet HTML 20Page - Texas Instruments TXB0101DBVR Datasheet HTML 21Page - Texas Instruments TXB0101DBVR Datasheet HTML 22Page - Texas Instruments TXB0101DBVR Datasheet HTML 23Page - Texas Instruments TXB0101DBVR Datasheet HTML 24Page - Texas Instruments TXB0101DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
7.4 Layout
7.4.1 Layout Guidelines
For device reliability, the following common printed-circuit board layout guidelines are recommended.
• Bypass capacitors should be used on power supplies, and should be placed as close as possible to the VCCA,
VCCB pin and GND pin.
• Short trace lengths should be used to avoid excessive loading.
• PCB signal trace-lengths must be kept short enough so that the round-trip delay of any reflection is less than
the one shot duration, approximately 10ns, making sure that any reflection encounters low impedance at the
source driver.
7.4.2 Layout Example
GND
B
VCCB
LEGEND
VIA to Power Plane
VIA to GND Plane (Inner Layer)
Polygonal Copper Pour
VCCA
1
2
3
A
Keep OE low until VCCA and VCCB
are powered up
6
5
4
Bypass Capacitor
Bypass Capacitor
OE
TXB0101
To/From
Controller/System
To/From
Controller/System
Figure 7-4. Layout Example Recommendation
www.ti.com
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com