Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVR Datasheet(PDF) 40 Page - Texas Instruments

Part # TXB0101DBVR
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TXB0101DBVR Datasheet HTML 33Page - Texas Instruments TXB0101DBVR Datasheet HTML 34Page - Texas Instruments TXB0101DBVR Datasheet HTML 35Page - Texas Instruments TXB0101DBVR Datasheet HTML 36Page - Texas Instruments TXB0101DBVR Datasheet HTML 37Page - Texas Instruments TXB0101DBVR Datasheet HTML 38Page - Texas Instruments TXB0101DBVR Datasheet HTML 39Page - Texas Instruments TXB0101DBVR Datasheet HTML 40Page - Texas Instruments TXB0101DBVR Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
GENERIC PACKAGE VIEW
Images above are just a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
DRY 6
USON - 0.6 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4207181/G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com