Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TXB0101DBVR
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXB0101DBVR Datasheet HTML 9Page - Texas Instruments TXB0101DBVR Datasheet HTML 10Page - Texas Instruments TXB0101DBVR Datasheet HTML 11Page - Texas Instruments TXB0101DBVR Datasheet HTML 12Page - Texas Instruments TXB0101DBVR Datasheet HTML 13Page - Texas Instruments TXB0101DBVR Datasheet HTML 14Page - Texas Instruments TXB0101DBVR Datasheet HTML 15Page - Texas Instruments TXB0101DBVR Datasheet HTML 16Page - Texas Instruments TXB0101DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
5.21 Switching Characteristics, VCCA = 3.3V ± 0.3V (Other Packages)
over recommended operating free-air temperature range, VCCA = 3.3V ± 0.3V (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 3.3V
± 0.3V
VCCB = 5V
± 0.5V
UNIT
MIN
MAX
MIN
MAX
tpd
A
B
0.9
4.7
0.8
4
ns
B
A
1
4.9
0.9
4.5
ten
OE
A
1
1
μs
B
1
1
tdis
OE
A
4.6
15.2
4.3
12.1
ns
B
3.8
16
3.4
13.2
trA, tfA
A-port rise and fall times
0.7
2.5
0.7
2.5
ns
trB, tfB
B-port rise and fall times
0.5
2.3
0.4
2.7
ns
Max data rate
100
100
Mbps
5.22 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCCA
UNIT
1.2V
1.2V
1.5V
1.8V
2.5V
2.5V
3.3V
VCCB
5V
1.8V
1.8V
1.8V
2.5V
5V
3.3V
to
5V
TYP
TYP
TYP
TYP
TYP
TYP
TYP
CpdA
A-port input, B-port output
CL = 0, f = 10MHz,
tr = tf = 1ns,
OE = VCCA
(outputs enabled)
7.8
8
8
7
7
8
8
pF
B-port input, A-port output
12
11
11
11
11
11
11
CpdB
A-port input, B-port output
38.1
28
29
29
29
29
30
B-port input, A-port output
25.4
18
17
17
18
20
21
CpdA
A-port input, B-port output
CL = 0, f = 10MHz,
tr = tf = 1ns,
OE = GND
(outputs disabled)
0.01
0.01
0.01
0.01
0.01
0.01
0.01
pF
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
CpdB
A-port input, B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.02
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.03
www.ti.com
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com