Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC115LRGPR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 7Page - Texas Instruments CC115LRGPR.B Datasheet HTML 8Page - Texas Instruments CC115LRGPR.B Datasheet HTML 9Page - Texas Instruments CC115LRGPR.B Datasheet HTML 10Page - Texas Instruments CC115LRGPR.B Datasheet HTML 11Page - Texas Instruments CC115LRGPR.B Datasheet HTML 12Page - Texas Instruments CC115LRGPR.B Datasheet HTML 13Page - Texas Instruments CC115LRGPR.B Datasheet HTML 14Page - Texas Instruments CC115LRGPR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
4.7
Crystal Oscillator
TA = 25°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using SWRR046 and SWRR045.
Parameter
Min
Typ
Max
Unit
Condition
For compliance with modulation bandwidth
requirements under EN 300 220 V2.3.1 in the
863 to 870 MHz frequency range it is
Crystal frequency
26
26
27
MHz
recommended to use a 26 MHz crystal for
frequencies below 869 MHz and a 27 MHz
crystal for frequencies above 869 MHz.
This is the total tolerance including a) initial
tolerance, b) crystal loading, c) aging, and d)
Tolerance
±40
ppm
temperature dependence. The acceptable
crystal tolerance depends on RF frequency
and channel spacing / bandwidth.
Load capacitance
10
13
20
pF
Simulated over operating conditions
ESR
100
Ω
This parameter is to a large degree crystal
Start-up time
150
µs
dependent. Measured on SWRR046 and
SWRR045 using crystal AT-41CD2 from NDK
4.8
Frequency Synthesizer Characteristics
TA = 25°C, VDD = 3.0 V if nothing else is stated. All measurement results are obtained using SWRR046 and SWRR045.
Minimum figures are given using a 27 MHz crystal. Typical and maximum figures are given using a 26 MHz crystal.
Parameter
Min
Typ
Max
Unit
Condition
26- to 27-MHz crystal. The resolution (in Hz)
Programmed frequency resolution
397
FXOSC/2
16
412
Hz
is equal for all frequency bands
Given by crystal used. Required accuracy
(including temperature and aging) depends
Synthesizer frequency tolerance
±40
ppm
on frequency band and channel bandwidth /
spacing
RF carrier phase noise
–92
dBc/Hz
at 50 kHz offset from carrier
RF carrier phase noise
–92
dBc/Hz
at 100 kHz offset from carrier
RF carrier phase noise
–92
dBc/Hz
at 200 kHz offset from carrier
RF carrier phase noise
–98
dBc/Hz
at 500 kHz offset from carrier
RF carrier phase noise
–107
dBc/Hz
at 1 MHz offset from carrier
RF carrier phase noise
–113
dBc/Hz
at 2 MHz offset from carrier
RF carrier phase noise
–119
dBc/Hz
at 5 MHz offset from carrier
RF carrier phase noise
–129
dBc/Hz
at 10 MHz offset from carrier
Time from leaving the IDLE state until arriving
PLL turn-on or hop time
in the FSTXON or TX state, when not
72
75
75
µs
(See Table 5-5)
performing calibration. Crystal oscillator
running.
Calibration can be initiated manually or
PLL calibration time
685
712
724
µs
automatically before entering or after leaving
(See Table 5-6)
TX
4.9
DC Characteristics
TA = 25°C if nothing else stated.
Digital Inputs/Outputs
Min
Max
Unit
Condition
Logic "0" input voltage
0
0.7
V
Logic "1" input voltage
VDD – 0.7
VDD
V
Logic "0" output voltage
0
0.5
V
For up to 4 mA output current
Logic "1" output voltage
VDD – 0.3
VDD
V
For up to 4 mA output current
Logic "0" input current
N/A
–50
nA
Input equals 0 V
Logic "1" input current
N/A
50
nA
Input equals VDD
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com