Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 142 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 142 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 138Page - Texas Instruments TDA2SXABC Datasheet HTML 139Page - Texas Instruments TDA2SXABC Datasheet HTML 140Page - Texas Instruments TDA2SXABC Datasheet HTML 141Page - Texas Instruments TDA2SXABC Datasheet HTML 142Page - Texas Instruments TDA2SXABC Datasheet HTML 143Page - Texas Instruments TDA2SXABC Datasheet HTML 144Page - Texas Instruments TDA2SXABC Datasheet HTML 145Page - Texas Instruments TDA2SXABC Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 427 page
background image
142
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
TJ
(1)
Operating junction
temperature range
Automotive
-40
125(5)
°C
ddr1_vref0
Reference Power Supply DDR1
0.5*vdds_ddr1
V
ddr2_vref0
Reference Power Supply DDR2
0.5*vdds_ddr2
V
(1) Refer to Power on Hours table Table 5-3 for limitations.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) If DDR2 type of memories are used, the EMIF power supply (vdds_ddrx) and the corresponding bias power supply (vdds18v_ddrx) must
be sourced from single power source.
(5) The TSHUT feature of the SoC resets the device by default when one of the on-die temp sensors reports 123°C. This is intended to
protect the device from exceeding 125°C. Though not recommended, the TSHUT temperature threshold can be modified in software if
other mechanisms are in place to avoid exceeding 125°C. Refer to the device TRM for details on the TSHUT feature.
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each OPP (operating performance point) for processor clocks and device core clocks.
Table 5-5 describes the maximum supported frequency per speed grade for the devices.
Table 5-5. Speed Grade Maximum Frequency
DEVICE SPEED
MAXIMUM FREQUENCY (MHz)
MPU
DSP
EVE
IVA
GPU
IPU
L3
DDR3/
DDR3L
DDR2
TDA2xxD
500
500
500
430
500
212.8
266
532
(DDR3-
1066)
400
(DDR2-
800)
TDA2xxF
650
650
600
532
500
212.8
266
532
(DDR3-
1066)
400
(DDR2-
800)
TDA2xxR
750
750
650
532
500
212.8
266
532
(DDR3-
1066)
400
(DDR2-
800)
TDA2xxT
1176
750
650
532
532
212.8
266
532
(DDR3-
1066)
400
(DDR2-
800)
5.5.1
AVS and ABB Requirements
Adaptive Voltage Scaling (AVS) and Adaptive Body Biasing (ABB) are required on most of the vdd_*
supplies as defined in Table 5-6.
Table 5-6. AVS and ABB Requirements per vdd_* Supply
SUPPLY
AVS REQUIRED?
ABB REQUIRED?
vdd_core
Yes, for all OPPs
No
vdd_mpu
Yes, for all OPPs
Yes, for all OPPs
vdd_iva
Yes, for all OPPs
Yes, for all OPPs
vdd_dspeve
Yes, for all OPPs
Yes, for all OPPs
vdd_gpu
Yes, for all OPPs
Yes, for all OPPs
vdd_rtc
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com