Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 92 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 92 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments TDA2SXABC Datasheet HTML 91Page - Texas Instruments TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments TDA2SXABC Datasheet HTML 94Page - Texas Instruments TDA2SXABC Datasheet HTML 95Page - Texas Instruments TDA2SXABC Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
92
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1764
CTRL_CORE_PAD_
MMC1_DAT2
AA5
mmc1_dat2
gpio6_25
Driver off
0x1768
CTRL_CORE_PAD_
MMC1_DAT3
Y3
mmc1_dat3
gpio6_26
Driver off
0x176C
CTRL_CORE_PAD_
MMC1_SDCD
W7
mmc1_sdcd
uart6_rxd
i2c4_sda
gpio6_27
Driver off
0x1770
CTRL_CORE_PAD_
MMC1_SDWP
Y9
mmc1_sdwp
uart6_txd
i2c4_scl
gpio6_28
Driver off
0x1774
CTRL_CORE_PAD_
GPIO6_10
AC5
gpio6_10
mdio_mclk
i2c3_sda
usb3_ulpi_d7
vin2b_hsync1
vin5a_clk0
ehrpwm2A
gpio6_10
Driver off
0x1778
CTRL_CORE_PAD_
GPIO6_11
AB4
gpio6_11
mdio_d
i2c3_scl
usb3_ulpi_d6
vin2b_vsync1
vin5a_de0
ehrpwm2B
gpio6_11
Driver off
0x177C
CTRL_CORE_PAD_
MMC3_CLK
AD4
mmc3_clk
usb3_ulpi_d5
vin2b_d7
vin5a_d7
ehrpwm2_trip
zone_input
gpio6_29
Driver off
0x1780
CTRL_CORE_PAD_
MMC3_CMD
AC4
mmc3_cmd
spi3_sclk
usb3_ulpi_d4
vin2b_d6
vin5a_d6
eCAP2_in_P
WM2_out
gpio6_30
Driver off
0x1784
CTRL_CORE_PAD_
MMC3_DAT0
AC7
mmc3_dat0
spi3_d1
uart5_rxd
usb3_ulpi_d3
vin2b_d5
vin5a_d5
eQEP3A_in
gpio6_31
Driver off
0x1788
CTRL_CORE_PAD_
MMC3_DAT1
AC6
mmc3_dat1
spi3_d0
uart5_txd
usb3_ulpi_d2
vin2b_d4
vin5a_d4
eQEP3B_in
gpio7_0
Driver off
0x178C
CTRL_CORE_PAD_
MMC3_DAT2
AC9
mmc3_dat2
spi3_cs0
uart5_ctsn
usb3_ulpi_d1
vin2b_d3
vin5a_d3
eQEP3_index gpio7_1
Driver off
0x1790
CTRL_CORE_PAD_
MMC3_DAT3
AC3
mmc3_dat3
spi3_cs1
uart5_rtsn
usb3_ulpi_d0
vin2b_d2
vin5a_d2
eQEP3_strob
e
gpio7_2
Driver off
0x1794
CTRL_CORE_PAD_
MMC3_DAT4
AC8
mmc3_dat4
spi4_sclk
uart10_rxd
usb3_ulpi_nxt vin2b_d1
vin5a_d1
ehrpwm3A
gpio1_22
Driver off
0x1798
CTRL_CORE_PAD_
MMC3_DAT5
AD6
mmc3_dat5
spi4_d1
uart10_txd
usb3_ulpi_dir
vin2b_d0
vin5a_d0
ehrpwm3B
gpio1_23
Driver off
0x179C
CTRL_CORE_PAD_
MMC3_DAT6
AB8
mmc3_dat6
spi4_d0
uart10_ctsn
usb3_ulpi_stp vin2b_de1
vin5a_hsync0 ehrpwm3_trip
zone_input
gpio1_24
Driver off
0x17A0
CTRL_CORE_PAD_
MMC3_DAT7
AB5
mmc3_dat7
spi4_cs0
uart10_rtsn
usb3_ulpi_clk vin2b_clk1
vin5a_vsync0 eCAP3_in_P
WM3_out
gpio1_25
Driver off
0x17A4
CTRL_CORE_PAD_S
PI1_SCLK
A25
spi1_sclk
gpio7_7
Driver off
0x17A8
CTRL_CORE_PAD_S
PI1_D1
F16
spi1_d1
gpio7_8
Driver off
0x17AC
CTRL_CORE_PAD_S
PI1_D0
B25
spi1_d0
gpio7_9
Driver off
0x17B0
CTRL_CORE_PAD_S
PI1_CS0
A24
spi1_cs0
gpio7_10
Driver off
0x17B4
CTRL_CORE_PAD_S
PI1_CS1
A22
spi1_cs1
sata1_led
spi2_cs1
gpio7_11
Driver off
0x17B8
CTRL_CORE_PAD_S
PI1_CS2
B21
spi1_cs2
uart4_rxd
mmc3_sdcd
spi2_cs2
dcan2_tx
mdio_mclk
hdmi1_hpd
gpio7_12
Driver off
0x17BC
CTRL_CORE_PAD_S
PI1_CS3
B20
spi1_cs3
uart4_txd
mmc3_sdwp
spi2_cs3
dcan2_rx
mdio_d
hdmi1_cec
gpio7_13
Driver off
0x17C0
CTRL_CORE_PAD_S
PI2_SCLK
A26
spi2_sclk
uart3_rxd
gpio7_14
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com