Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 98 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 98 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 94Page - Texas Instruments TDA2SXABC Datasheet HTML 95Page - Texas Instruments TDA2SXABC Datasheet HTML 96Page - Texas Instruments TDA2SXABC Datasheet HTML 97Page - Texas Instruments TDA2SXABC Datasheet HTML 98Page - Texas Instruments TDA2SXABC Datasheet HTML 99Page - Texas Instruments TDA2SXABC Datasheet HTML 100Page - Texas Instruments TDA2SXABC Datasheet HTML 101Page - Texas Instruments TDA2SXABC Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 427 page
background image
98
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin3a_d10
Video Input 3 Port A Data input
I
J1/ C5/ D7
vin3a_d11
Video Input 3 Port A Data input
I
J2/ A3/ D8
vin3a_d12
Video Input 3 Port A Data input
I
H1/ B3/ A5
vin3a_d13
Video Input 3 Port A Data input
I
J3/ B4/ C6
vin3a_d14
Video Input 3 Port A Data input
I
H2/ B5/ C8
vin3a_d15
Video Input 3 Port A Data input
I
H3/ A4/ C7
vin3a_d16
Video Input 3 Port A Data input
I
R6/ F11
vin3a_d17
Video Input 3 Port A Data input
I
T9/ G10
vin3a_d18
Video Input 3 Port A Data input
I
T6/ F10
vin3a_d19
Video Input 3 Port A Data input
I
T7/ G11
vin3a_d20
Video Input 3 Port A Data input
I
P6/ E9
vin3a_d21
Video Input 3 Port A Data input
I
R9/ F9
vin3a_d22
Video Input 3 Port A Data input
I
R5/ F8
vin3a_d23
Video Input 3 Port A Data input
I
P5/ E7
vin3b_clk1
Video Input 3 Port B Clock input
I
P7/ M4
vin3b_de1
Video Input 3 Port B Data Enable input
I
N6
vin3b_fld1
Video Input 3 Port A Field ID input
I
M4
vin3b_hsync1
Video Input 3 Port A Horizontal Sync input
I
H5
vin3b_vsync1
Video Input 3 Port A Vertical Sync input
I
H6
vin3b_d0
Video Input 3 Port B Data input
I
K7
vin3b_d1
Video Input 3 Port B Data input
I
M7
vin3b_d2
Video Input 3 Port B Data input
I
J5
vin3b_d3
Video Input 3 Port B Data input
I
K6
vin3b_d4
Video Input 3 Port B Data input
I
J7
vin3b_d5
Video Input 3 Port B Data input
I
J4
vin3b_d6
Video Input 3 Port B Data input
I
J6
vin3b_d7
Video Input 3 Port B Data input
I
H4
Video Input 4 (VIP2)
vin4a_clk0
Video Input 4 Port A Clock input
I
P4/ B26/ B11
vin4a_de0
Video Input 4 Port A Data Enable input
I
H6/ C23/ B10/ P7
vin4a_fld0
Video Input 4 Port A Field ID input
I
J7/ F21/ P9/ D11
vin4a_hsync0
Video Input 4 Port A Horizontal Sync input
I
R3/ E21/ C11/ P7
vin4a_vsync0
Video Input 4 Port A Vertical Sync input
I
T2/ F20/ E11/ N1
vin4a_d0
Video Input 4 Port A Data input
I
R6/ B7/ B14
vin4a_d1
Video Input 4 Port A Data input
I
T9/ B8/ J14
vin4a_d2
Video Input 4 Port A Data input
I
T6/ A7/ G13
vin4a_d3
Video Input 4 Port A Data input
I
T7/ A8/ J11
vin4a_d4
Video Input 4 Port A Data input
I
P6/ C9/ E12
vin4a_d5
Video Input 4 Port A Data input
I
R9/ A9/ F13
vin4a_d6
Video Input 4 Port A Data input
I
R5/ B9/ C12
vin4a_d7
Video Input 4 Port A Data input
I
P5/ A10/ D12
vin4a_d8
Video Input 4 Port A Data input
I
E8/ U2/ E15
vin4a_d9
Video Input 4 Port A Data input
I
D9/ U1/ A20
vin4a_d10
Video Input 4 Port A Data input
I
D7/ P3/ B15
vin4a_d11
Video Input 4 Port A Data input
I
D8/ R2/ A15
vin4a_d12
Video Input 4 Port A Data input
I
A5/ K7/ D15
vin4a_d13
Video Input 4 Port A Data input
I
C6/ M7/ B16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com