Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 101 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 101 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 97Page - Texas Instruments TDA2SXABC Datasheet HTML 98Page - Texas Instruments TDA2SXABC Datasheet HTML 99Page - Texas Instruments TDA2SXABC Datasheet HTML 100Page - Texas Instruments TDA2SXABC Datasheet HTML 101Page - Texas Instruments TDA2SXABC Datasheet HTML 102Page - Texas Instruments TDA2SXABC Datasheet HTML 103Page - Texas Instruments TDA2SXABC Datasheet HTML 104Page - Texas Instruments TDA2SXABC Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 427 page
background image
101
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-5. DSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vout1_d9
Video Output 1 Data output
O
D9
vout1_d10
Video Output 1 Data output
O
D7
vout1_d11
Video Output 1 Data output
O
D8
vout1_d12
Video Output 1 Data output
O
A5
vout1_d13
Video Output 1 Data output
O
C6
vout1_d14
Video Output 1 Data output
O
C8
vout1_d15
Video Output 1 Data output
O
C7
vout1_d16
Video Output 1 Data output
O
B7
vout1_d17
Video Output 1 Data output
O
B8
vout1_d18
Video Output 1 Data output
O
A7
vout1_d19
Video Output 1 Data output
O
A8
vout1_d20
Video Output 1 Data output
O
C9
vout1_d21
Video Output 1 Data output
O
A9
vout1_d22
Video Output 1 Data output
O
B9
vout1_d23
Video Output 1 Data output
O
A10
DPI Video Output 2
vout2_clk
Video Output 2 Clock output
O
H7/ B26
vout2_de
Video Output 2 Data Enable output
O
G2/ C23
vout2_fld
Video Output 2 Field ID output.This signal is not used for embedded sync modes.
O
E1/ F21
vout2_hsync
Video Output 2 Horizontal Sync output.This signal is not used for embedded sync
modes.
O
G1/ E21
vout2_vsync
Video Output 2 Vertical Sync output.This signal is not used for embedded sync modes.
O
G6/ F20
vout2_d0
Video Output 2 Data output
O
A4/ B14
vout2_d1
Video Output 2 Data output
O
B5/ J14
vout2_d2
Video Output 2 Data output
O
B4/ G13
vout2_d3
Video Output 2 Data output
O
B3/ J11
vout2_d4
Video Output 2 Data output
O
A3/ E12
vout2_d5
Video Output 2 Data output
O
C5/ F13
vout2_d6
Video Output 2 Data output
O
D6/ C12
vout2_d7
Video Output 2 Data output
O
B2/ D12
vout2_d8
Video Output 2 Data output
O
C4/ E15
vout2_d9
Video Output 2 Data output
O
C3/ A20
vout2_d10
Video Output 2 Data output
O
C2/ B15
vout2_d11
Video Output 2 Data output
O
D5/ A15
vout2_d12
Video Output 2 Data output
O
F6/ D15
vout2_d13
Video Output 2 Data output
O
D3/ B16
vout2_d14
Video Output 2 Data output
O
E6/ B17
vout2_d15
Video Output 2 Data output
O
F5/ A17
vout2_d16
Video Output 2 Data output
O
E4/ C18
vout2_d17
Video Output 2 Data output
O
C1/ A21
vout2_d18
Video Output 2 Data output
O
F4/ G16
vout2_d19
Video Output 2 Data output
O
D2/ D17
vout2_d20
Video Output 2 Data output
O
E2/ AA3
vout2_d21
Video Output 2 Data output
O
D1/ AB9
vout2_d22
Video Output 2 Data output
O
F3/ AB3
vout2_d23
Video Output 2 Data output
O
F2/ AA4
DPI Video Output 3
vout3_clk
Video Output 3 Clock output
O
P1/ AF9 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com