Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 102 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 102 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 98Page - Texas Instruments TDA2SXABC Datasheet HTML 99Page - Texas Instruments TDA2SXABC Datasheet HTML 100Page - Texas Instruments TDA2SXABC Datasheet HTML 101Page - Texas Instruments TDA2SXABC Datasheet HTML 102Page - Texas Instruments TDA2SXABC Datasheet HTML 103Page - Texas Instruments TDA2SXABC Datasheet HTML 104Page - Texas Instruments TDA2SXABC Datasheet HTML 105Page - Texas Instruments TDA2SXABC Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 427 page
background image
102
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-5. DSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vout3_de
Video Output 3 Data Enable output
O
N9/ AD9 (1)
vout3_fld
Video Output 3 Field ID output.This signal is not used for embedded sync modes.
O
P9/ AG8 (1)
vout3_hsync
Video Output 3 Horizontal Sync output.This signal is not used for embedded sync
modes.
O
N7/ AE9 (1)
vout3_vsync
Video Output 3 Vertical Sync output.This signal is not used for embedded sync modes.
O
R4/ AF8 (1)
vout3_d0
Video Output 3 Data output
O
M6/ AH4 (1)/ AD3
(1)
vout3_d1
Video Output 3 Data output
O
M2/ AG6 (1)/ AD2
(1)
vout3_d2
Video Output 3 Data output
O
L5/ AH5 (1)/ AE6 (1)
vout3_d3
Video Output 3 Data output
O
M1/ AH3 (1)/ AE2
(1)
vout3_d4
Video Output 3 Data output
O
L6/ AH6 (1)/ AE1 (1)
vout3_d5
Video Output 3 Data output
O
L4/ AG7 (1)/ AE5 (1)
vout3_d6
Video Output 3 Data output
O
L3/ AD8 (1)/ AE3 (1)
vout3_d7
Video Output 3 Data output
O
L2/ AE8 (1)/ AF1 (1)
vout3_d8
Video Output 3 Data output
O
L1/ AF4 (1)
vout3_d9
Video Output 3 Data output
O
K2/ AF3 (1)
vout3_d10
Video Output 3 Data output
O
J1/ AF6 (1)
vout3_d11
Video Output 3 Data output
O
J2/ AF2 (1)
vout3_d12
Video Output 3 Data output
O
H1/ AG5 (1)
vout3_d13
Video Output 3 Data output
O
J3/ AG3 (1)
vout3_d14
Video Output 3 Data output
O
H2/ AG2 (1)
vout3_d15
Video Output 3 Data output
O
H3/ AG4 (1)
vout3_d16
Video Output 3 Data output
O
R6/ AG8 (1)/ AH4
(1)
vout3_d17
Video Output 3 Data output
O
T9/ AD9 (1)/ AG6
(1)
vout3_d18
Video Output 3 Data output
O
T6/ AH5 (1)
vout3_d19
Video Output 3 Data output
O
T7/ AH3 (1)
vout3_d20
Video Output 3 Data output
O
P6/ AH6 (1)
vout3_d21
Video Output 3 Data output
O
R9/ AG7 (1)
vout3_d22
Video Output 3 Data output
O
R5/ AD8 (1)
vout3_d23
Video Output 3 Data output
O
P5/ AE8 (1)
(1) The VOUT3 interface when multiplexed onto balls mapped to the VDDSHV6 supply rail is restricted to operating in 1.8V mode only
(VDDSHV6 must be supplied with 1.8V). 3.3V mode is not supported. This must be considered in the pin mux programming and
VDDSHVx supply connections.
4.4.3
Display Subsystem – High-Definition Multimedia Interface (HDMI)
NOTE
For more information, see the Display Subsystem section of the device TRM.
Table 4-6. HDMI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdmi1_cec
HDMI consumer electronic control
IOD
B20/ G19
hdmi1_hpd
HDMI display hot plug detect
IO
B21/ G20
hdmi1_ddc_scl
HDMI display data channel clock
IOD
C25
hdmi1_ddc_sda
HDMI display data channel data
IOD
F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com