Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 93 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 93 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments TDA2SXABC Datasheet HTML 91Page - Texas Instruments TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments TDA2SXABC Datasheet HTML 94Page - Texas Instruments TDA2SXABC Datasheet HTML 95Page - Texas Instruments TDA2SXABC Datasheet HTML 96Page - Texas Instruments TDA2SXABC Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
93
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x17C4
CTRL_CORE_PAD_S
PI2_D1
B22
spi2_d1
uart3_txd
gpio7_15
Driver off
0x17C8
CTRL_CORE_PAD_S
PI2_D0
G17
spi2_d0
uart3_ctsn
uart5_rxd
gpio7_16
Driver off
0x17CC
CTRL_CORE_PAD_S
PI2_CS0
B24
spi2_cs0
uart3_rtsn
uart5_txd
gpio7_17
Driver off
0x17D0
CTRL_CORE_PAD_D
CAN1_TX
G20
dcan1_tx
uart8_rxd
mmc2_sdcd
hdmi1_hpd
gpio1_14
Driver off
0x17D4
CTRL_CORE_PAD_D
CAN1_RX
G19
dcan1_rx
uart8_txd
mmc2_sdwp
sata1_led
hdmi1_cec
gpio1_15
Driver off
0x17E0
CTRL_CORE_PAD_U
ART1_RXD
B27
uart1_rxd
mmc4_sdcd
gpio7_22
Driver off
0x17E4
CTRL_CORE_PAD_U
ART1_TXD
C26
uart1_txd
mmc4_sdwp
gpio7_23
Driver off
0x17E8
CTRL_CORE_PAD_U
ART1_CTSN
E25
uart1_ctsn
uart9_rxd
mmc4_clk
gpio7_24
Driver off
0x17EC
CTRL_CORE_PAD_U
ART1_RTSN
C27
uart1_rtsn
uart9_txd
mmc4_cmd
gpio7_25
Driver off
0x17F0
CTRL_CORE_PAD_U
ART2_RXD
D28
uart3_ctsn
uart3_rctx
mmc4_dat0
uart2_rxd
uart1_dcdn
gpio7_26
Driver off
0x17F4
CTRL_CORE_PAD_U
ART2_TXD
D26
uart2_txd
uart3_rtsn
uart3_sd
mmc4_dat1
uart2_txd
uart1_dsrn
gpio7_27
Driver off
0x17F8
CTRL_CORE_PAD_U
ART2_CTSN
D27
uart2_ctsn
uart3_rxd
mmc4_dat2
uart10_rxd
uart1_dtrn
gpio1_16
Driver off
0x17FC
CTRL_CORE_PAD_U
ART2_RTSN
C28
uart2_rtsn
uart3_txd
uart3_irtx
mmc4_dat3
uart10_txd
uart1_rin
gpio1_17
Driver off
0x1800
CTRL_CORE_PAD_I
2C1_SDA
C21
i2c1_sda
0x1804
CTRL_CORE_PAD_I
2C1_SCL
C20
i2c1_scl
0x1808
CTRL_CORE_PAD_I
2C2_SDA
C25
i2c2_sda
hdmi1_ddc_sc
l
Driver off
0x180C
CTRL_CORE_PAD_I
2C2_SCL
F17
i2c2_scl
hdmi1_ddc_sd
a
Driver off
0x1818
CTRL_CORE_PAD_
WAKEUP0
AD17
Wakeup0
dcan1_rx
gpio1_0
Driver off
0x181C
CTRL_CORE_PAD_
WAKEUP1
AC17
Wakeup1
dcan2_rx
gpio1_1
Driver off
0x1820
CTRL_CORE_PAD_
WAKEUP2
AB16
Wakeup2
sys_nirq2
gpio1_2
Driver off
0x1824
CTRL_CORE_PAD_
WAKEUP3
AC16
Wakeup3
sys_nirq1
gpio1_3
Driver off
0x1828
CTRL_CORE_PAD_
ON_OFF
Y11
on_off
0x182C
CTRL_CORE_PAD_R
TC_PORZ
AB17
rtc_porz
0x1830
CTRL_CORE_PAD_T
MS
F18
tms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com