Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 134 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 134 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 130Page - Texas Instruments TDA2SXABC Datasheet HTML 131Page - Texas Instruments TDA2SXABC Datasheet HTML 132Page - Texas Instruments TDA2SXABC Datasheet HTML 133Page - Texas Instruments TDA2SXABC Datasheet HTML 134Page - Texas Instruments TDA2SXABC Datasheet HTML 135Page - Texas Instruments TDA2SXABC Datasheet HTML 136Page - Texas Instruments TDA2SXABC Datasheet HTML 137Page - Texas Instruments TDA2SXABC Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 427 page
background image
134
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-29. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cap_vbbldo_dspeve(1)
External capacitor connection for the DSP-EVE vbb ldo output
CAP
K9
cap_vddram_mpu1(1)
External capacitor connection for the MPU SRAM array ldo1 output
CAP
K16
cap_vddram_mpu2(1)
External capacitor connection for the MPU SRAM array ldo2 output
CAP
K19
cap_vddram_core1(1)
External capacitor connection for the Core SRAM array ldo1 output
CAP
L9
cap_vddram_core4(1)
External capacitor connection for the Core SRAM array ldo4 output
CAP
P19
cap_vbbldo_iva(1)
External capacitor connection for the IVA vbb ldo output
CAP
R20
cap_vddram_iva(1)
External capacitor connection for the IVA SRAM array ldo output
CAP
T20
cap_vddram_gpu(1)
External capacitor connection for the GPU SRAM array ldo output
CAP
Y13
cap_vbbldo_gpu(1)
External capacitor connection for the GPU vbb ldo output
CAP
Y14
cap_vddram_core3(1)
External capacitor connection for the Core SRAM array ldo3 output
CAP
Y15
cap_vddram_core5(1)
External capacitor connection for the Core SRAM array ldo5 output
CAP
Y16
(1) This pin must always must always be connected via a 1-uF capacitor to vss.
4.4.21 Test Interfaces
CAUTION
The I/O timings provided in Section 7 Timing Requirements and Switching
Characteristics are valid only if signals within a single IOSET are used. The
IOSETs are defined in the Table 7-139.
NOTE
For more information, see the On-Chip Debug Support / Debug Ports section of the device
TRM.
Table 4-30. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
tms
JTAG test port mode select. An external pullup resistor should be used on
this ball.
IO
F18
tdi
JTAG test data
I
D23
tdo
JTAG test port data
O
F19
tclk
JTAG test clock
I
E20
trstn
JTAG test reset
I
D20
rtck
JTAG return clock
O
E18
emu0(1)
Emulator pin 0
IO
G21
emu1(1)
Emulator pin 1
IO
D24
emu2
Emulator pin 2
O
F10
emu3
Emulator pin 3
O
D7
emu4
Emulator pin 4
O
A7
emu5
Emulator pin 5
O
E1/ G11
emu6
Emulator pin 6
O
G2/ E9
emu7
Emulator pin 7
O
H7/ F9
emu8
Emulator pin 8
O
G1/ F8
emu9
Emulator pin 9
O
G6/ E7
emu10
Emulator pin 10
O
F2/ D8
emu11
Emulator pin 11
O
F3/ A5
emu12
Emulator pin 12
O
D1/ C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com