Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FA.. Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB18FA..
Description  WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FA.. Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB18FA.. Datasheet HTML 1Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 2Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 3Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 4Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 5Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Accessories
4-Pin Snap-on M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG4-2
2 m (6.56 ft)
Straight
ø 9.0
32 Typ.
4
3
1
2
1 = Brown
2 = White
3 = Blue
4 = Black
PKW4Z-2
2 m (6.56 ft)
Right-Angle
ø 10.9
29 Typ.
15 Typ.
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
Mounting Brackets
SMB18A
•
Right-angle mounting
bracket with a curved
slot for versatile
orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
30
41
46
A
B
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 18.5
SMBQS18RA
•
Right-angle mounting
bracket
•
14-ga. 304 stainless
steel
42
17
32
A
B
Hole center spacing: A to B=20.3
Hole size: A =4.3 × 9.3, B=ø 4.3
WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 118899 Rev. F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com