Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FA.. Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SMB18FA..
Description  WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FA.. Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SMB18FA.. Datasheet HTML 1Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 2Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 3Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 4Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 5Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
•
Visible Class 1 laser
•
Visible Class 1 laser for diffuse sensing
•
Narrow effective beam provides small-object detection and precise position control
•
Crosstalk rejection algorithm protects against optical disturbance from adjacent sensors
•
Excellent optical performance throughout sensing range, even close up
•
10 V dc to 30 V dc operation, with complementary (SPDT) NPN or PNP outputs, depending
on model
•
Bright LED operating status indicators are visible from 360°
•
Compact, rugged sealed housing, protected circuitry
•
Mounting versatility – popular 18 mm threaded barrel or side-mount
•
Choose 2 m (6.5 ft) or 9 m (30 ft) cable or one of four QD options
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Model
Sensing Range
Spot Size at Focus
Cable
Output
QS18VN6LD
650 nm Visible Red
Class 1 Laser 300 mm
(12 in)
Approximately 1 mm at 300 mm
(0.039 in at 12 in)
4-wire, 2 m (6.5 ft) integral
cable
NPN
QS18VP6LD
PNP
Integral 2 m (6.5 ft) unterminated cable models are listed. To order the 9 m (30 ft) PVC cable model, add the suffix
"W/30" to the cabled model number. For example, QS18VN6LD W/30. Models with a quick disconnect require a mating
cordset. To order the QD models:
•
To order the 4-pin M12/Euro-style integral quick disconnect model, add the suffix "Q8" to the model number. For
example, QS18VN6LDQ8.
•
To order the 4-pin M8/Pico-style integral quick disconnect model, add the suffix "Q7" to the model number. For
example, QS18VN6LDQ7
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M12/Euro-style quick disconnect, add the suffix "Q5" to
the model number. For example, QS18VN6LDQ5.
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M8/Pico-style quick disconnect, add the suffix "Q" to the
model number. For example, QS18VN6LDQ.
Wiring Diagrams
NPN (Sinking) Outputs
PNP (Sourcing) Outputs
Wiring Key
3
1
4
2
10-30V dc
–
+
Load
Load
3
1
4
2
10-30V dc
–
+
Load
Load
1 = Brown
2 = White
3 = Blue
4 = Black
Cabled wiring diagrams are shown. Quick disconnect (QD) wiring diagrams are functionally identical.
WORLD-BEAM® QS18LD Laser Diffuse
Series Sensors
Original Document
118899 Rev. F
4 January 2017
118899


Similar Part No. - SMB18FA..

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SMB18FA BANNER-SMB18FA Datasheet
1Mb / 10P
M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
SMB18FA BANNER-SMB18FA Datasheet
1Mb / 10P
M18-4 Stainless Steel 18 mm Barrel Sensor
SMB18FA BANNER-SMB18FA Datasheet
909Kb / 10P
MINI-BEAM짰 MIAD9 NAMUR Series Sensor
SMB18FAM10 BANNER-SMB18FAM10 Datasheet
1Mb / 10P
M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
SMB18FAM10 BANNER-SMB18FAM10 Datasheet
1Mb / 10P
M18-4 Stainless Steel 18 mm Barrel Sensor
More results

Similar Description - SMB18FA..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM512 ETC2-SM512 Datasheet
92Kb / 4P
Diffuse Mode Sensors
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
709Kb / 10P
WORLD-BEAM QS18
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
WORLD-BEAM QS18U Ultrasonic Sensors
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
WORLD-BEAM QS186LE Laser Emitter
logo
Contrinex AG Industrial...
LTR-C23PA-PMK-10A CONTRINEX-LTR-C23PA-PMK-10A Datasheet
498Kb / 6P
ULTRASONIC SENSORS DIFFUSE
LTR-C23PA-PMS-403 CONTRINEX-LTR-C23PA-PMS-403 Datasheet
498Kb / 6P
ULTRASONIC SENSORS DIFFUSE
UST-M30MS-TLS-301 CONTRINEX-UST-M30MS-TLS-301 Datasheet
281Kb / 9P
ULTRASONIC SENSORS DIFFUSE
UST-M30PS-TMS-301 CONTRINEX-UST-M30PS-TMS-301 Datasheet
335Kb / 9P
ULTRASONIC SENSORS DIFFUSE
UST-M30PO-TXS-101 CONTRINEX-UST-M30PO-TXS-101 Datasheet
404Kb / 9P
ULTRASONIC SENSORS DIFFUSE
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
WORLD-BEAM QS18U Ultrasonic Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com