Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FA.. Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # SMB18FA..
Description  WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FA.. Datasheet(HTML) 5 Page - Banner Engineering Corp.

  SMB18FA.. Datasheet HTML 1Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 2Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 3Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 4Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 5Page - Banner Engineering Corp. SMB18FA.. Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mounting Brackets
SMB312S
•
Stainless steel 2-axis,
side-mount bracket
46
B
C
A
32
20
A = 4.3 × 7.5, B = diam. 3, C = 3
× 15.3
SMB18FA..
•
Swivel bracket with tilt and
pan movement for precision
adjustment
•
Easy sensor mounting to
extruded rail T-slots
•
Metric and inch size bolts
available
•
18 mm sensor mounting
hole
66
69
A
B
Hole size: B=ø 18.1
Model
Bolt Thread (A)
SMB18FA
3/8 - 16 × 2 in
SMB18FAM10
M10 - 1.5 × 50
SMB18FAM12
n/a; no bolt included. Mounts
directly to 12 mm (½ in) rods
SMB46A
•
2-piece 12-ga. stainless
steel bracket assembly
with precision sensor
alignment adjustment
•
2 mm hex key included
61 mm
43 mm
A
B
B
Hole center spacing: A to B = 18.5, B = 30.5
Hole size: A = ø 6.6, B = 7.1 x 20.3
SMBQS18Y
•
Die-cast bracket for 18
mm holes
•
Includes metal hex nut
and lock washer
•
Allows ± 8° for cabled
sensors
Hole size: A = ø 15.3
7.8 mm
[0.31"]
15.5 mm
[0.61"]
19.5 mm
[0.77"]
9.8 mm
[0.38"]
14.5 mm
[0.57"]
25.4 mm
[1"]
16.4 mm
[0.65"]
24.1 mm
[0.94"]
4.5 mm
[0.18"]
3.4 mm
[0.13"]
2x R24.1 mm
[0.95"]
2x 8
38.0 mm
[1.50"]
12.0 mm
[0.47"]
SMB18SF
•
18 mm swivel bracket with
M18 × 1 internal thread
•
Black thermoplastic
polyester
•
Stainless steel swivel
locking hardware included
B
A
51
42
25
Hole center spacing: A = 36.0
Hole size: A = ø 5.3, B = ø 18.0
SMBQS18A
•
Wrap-around protection
bracket
•
Die-cast bracket
•
Base fits 18 mm
threaded hole
•
Metal hex nut, lock
washer and grommet
included
•
Mounting holes specially
designed for QS18AF
sensors
Hole size: A = ø 15.3
62
25
19
A
SMB3018SC
•
18 mm swivel side or
barrel-mount bracket
•
Black reinforced
thermoplastic polyester
•
Stainless steel swivel
locking hardware
included
B
A
67
59
29
Hole center spacing: A = 50.8
Hole size: A = ø 7.0, B = ø 18.0
WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
P/N 118899 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com