Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8082KDC Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 7Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 11Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 11 of 26
3901008082
Feb 2007
Rev 007
2.6
Test Circuits for Dynamic and Static Characteristics
VS
BUS
GND
VCC
RxD
TxD
TH8080
RL
100n
CL
100n
20p
2.7K
Figure 5 - Test circuit for dynamic characteristics
VS
BUS
GND
VCC
RxD
TxD
TH8080
500
2uF
1nF
100n
Schaffner-
generator
12V
Puls1,2,4
Puls3a,3b
Oszi
Figure 6 - Test circuit for automotive transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com