Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8082KDC Datasheet(PDF) 16 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 16 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 16 of 26
3901008082
Feb 2007
Rev 007
5. Application Hints
5.1
LIN System Parameter
5.1.1. Bus loading requirements
Parameter
Symbol
Min
Typ
Max
Unit
Operating voltage range
VBAT
8
18
V
Voltage drop of reverse protection diode
VDrop_rev
0.4
0.7
1
V
Voltage drop at the serial diode in pull up path
VSerDiode
0.4
0.7
1
V
Battery shift voltage
VShift_BAT
0
0.1
VBAT
Ground shift voltage
VShift_GND
0
0.1
VBAT
Master termination resistor
Rmaster
900
1000
1100
Ω
Slave termination resistor
Rslave
20
30
60
k
Ω
Number of system nodes
N
2
16
Total length of bus line
LENBUS
40
m
Line capacitance
CLINE
100
150
pF/m
Capacitance of master node
CMaster
220
pF
Capacitance of slave node
CSlave
220
250
pF
Total capacitance of the bus including slave and master
capacitance
CBUS
0.47
4
10
nF
Network Total Resistance
RNetwork
500
862
Ω
Time constant of overall system
τ
1
5
µs
Table 2 - Bus loading requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com