| Electronic Components Datasheet Search |
|
C1113/62 Datasheet(PDF) 3 Page - APM Hexseal Corporation All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
C1113/62 Datasheet(HTML) 3 Page - APM Hexseal Corporation All Rights Reserved |
|
3 / 21 page ![]() 3 www.apmhexseal.com 800.498.9034 Pushbutton style front-of-panel mounted switch boot Color Matching Toggle style front-of-panel mounted switch boots Pushbutton style front-of-panel mounted switch boot Rocker style front-of-panel mounted circuit breaker boots Lever style front-of-panel mounted sealing boots Lever style back-of-panel mounted circuit breaker boots Digital Panel Meter custom cover Heavy duty, armored, stainless steel, mushroom head boot Lever style back-of-panel mounted circuit breaker boot Why hostile switch environment protection is needed Unsealed switches are internally suscep- tible to damage and shorting from water, lubricants, dust, dirt, sand, salt spray, corrosive atmospheres, fungus and other damaging contaminants. Even factory sealed switch function is susceptible to ice and dust build-up. And, all switch panel- mounting cutouts are vulnerable to contaminant seepage including spilled soft drinks, coffee, etc. APM’s UL-recognized HEXSEAL® and E-SEEL® sealing boots provide complete and reliable, cost- effective, long-term protection. How HEXSEAL® & E-SEEL® Boots protect Working closely with switch, potentiometer and circuit breaker manufacturers and users for more than 60 years, APM has developed an extensive line of tough, pliant silicone rubber (other materials available for specific environments) panel seals that function harmoniously with the switch’s manual and automatic operation and position status viewing. Our panel seals are UL 50 tested and Recognized. In this age of recalls and expensive field servicing, installing a HEXSEAL boot is the most effective and least expensive way to protect and guard against switch, circuit breaker and potentiometer failures. Toggle, Pushbutton, Rocker, Rotary Actuated Sealing Boots NEMA Mounted Enclosure Example – Switch & Circuit Breaker Boots HEXSEAL® & E-SEEL® SEALING BOOTS — LIFE SUPPORT SYSTEMS FOR SWITCHES Standard colors are black and gray. Boots can be color-matched to panel/function coding. All standard EMI/RFI boots feature a knitted Monel shield |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |