Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1113/62 Datasheet(PDF) 8 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/62
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/62 Datasheet(HTML) 8 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/62 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
www.apmhexseal.com
800.498.9034
Technical References
SURVIVING HOSTILE CONTROL SYSTEM ENVIRONMENTS
There is an IP-rated UL-recognized environmental sealing
boot expressly designed for selected control components
(e.g., switches, circuit breakers, potentiometers, panel
meters) that mates with and will provide a number of benefits
consistent with design considerations that comply with MIL-
DTL-5423 specifications. Originally designed for U.S. military
naval applications — rugged handling (with and without
gloves), corrosive atmospheres, lubricant contact, frequent
wash-downs — these sealing boots have repeatedly proven
their battle-tested worthiness. By supporting all the major
manufacturers of switches, potentiometers, and circuit break-
ers, the same protection and reliability are available for a
wide spectrum of commercial and industrial switches
through the APM HEXSEAL® and E-SEEL® sealing boot
system. The following reference data and cross reference
charts should be helpful in making your selection, however
please do not hesitate to contact our sales support depart-
ment for assistance.
Enclosure Ratings
To cost-effectively satisfy this application diversity, manu-
facturers of electrical/electronic equipment enclosures offer
a range of products which provide varying degrees of envi-
ronmental protection. In the interest of “standardizing” an
electrical enclosure’s performance, standards-making organ-
izations such as NEMA, UL, CSA, and IEC have established
various standards (Table 1).
Use of NEMA ratings does not require independent testing.
Compliance is left to the manufacturer. On the other hand, UL
conducts an independent evaluation of the submitted product.
Tests are performed either at UL’s laboratories or witnessed by
UL engineers at the manufacturer’s location. In addition, UL
requires follow-up inspections (which may include testing) to
assure adherence to prescribed materials and manufacturing
procedures.
These ratings provide a quantitative measure of an enclo-
sure’s ability to operate in the environment in which it will be
used. Each rating defines the degree of protection against
rain, snow, sleet, wind-blown dust, hosedown, corrosive
agents, and occasional submersion.
While the detailed wording of ratings from standard to stan-
dard varies, each is based on similar application descriptions
and performance expectations (Table 2). For example, an
enclosure meeting UL Standard 50, Type 6 ratings (and simi-
larly NEMA Standard No. 250, Type 6) is designed for indoor
and outdoor use. It provides the degree of protection against
hosedown, icing, dust, and the entry of water during temporary
submersion at the limited depth required for this rating.
Table 1.
Selected Electrical Enclosure Standards
• National Electrical Manufacturers
Association NEMA Standards Publication
No. 250, “Enclosures for Electrical
Equipment”
• National Electrical Manufacturers
Association NEMA Standards Publication
No. ICS6, “Enclosures for Industrial
Controls and Systems”
• Underwriters Laboratories Inc. UL 50,
“Standard for Safety, Enclosures
for Electrical Equipment”
• Underwriters Laboratories Inc. UL 508,
“Standard for Safety, Industrial
Control Equipment”
• Canadian Standards Association CSA
Standard C22.2 No. 94 “Industrial
Control Equipment for Use in Ordinary
(Non-Hazardous) Locations”
• International Electrotechnical Commission,
IEC 60529 (Ed. 2.1 b:2001) “Degree of
Protection Provided by Enclosures
(IP code)”
Table 2. NEMA Enclosure Types
Type
Intended Use and Description for Electrical Equipment
1 .........Indoor use primarily to provide a degree of protection against limited amounts of falling dirt.
2 .........Indoor use primarily to provide a degree of protection against limited amounts of falling
water and dirt.
3 .........Outdoor use primarily to provide a degree of protection against rain, sleet, windblown
dust and damage from external ice formation.
3R.......Outdoor use primarily to provide a degree of protection against rain, sleet, and damage
from external ice formation.
3S .......Outdoor use primarily to provide a degree of protection against rain, sleet, windblown
dust and to provide for operation of external mechanisms when ice laden.
4 .........Indoor or outdoor use primarily to provide a degree of protection against windblown dust
and rain, splashing water, hose-directed water and damage from external ice formation.
4X .......Indoor or outdoor use primarily to provide a degree of protection against corrosion,
windblown dust and rain, splashing water, hose-directed water and damage from external
ice formation.
5 .........Indoor use primarily to provide a degree of protection against settling airborne dust,
falling dirt, and dripping noncorrosive liquids.
6 .........Indoor or outdoor use primarily to provide a degree of protection against hose-directed
water, and the entry of water during occasional temporary submersion at a limited depth
and damage from external ice formation.
6P .......Indoor or outdoor use primarily to provide a degree of protection against hose-directed
water, the entry of water during prolonged submersion at a limited depth and damage
from external ice formation.
12
12K .....Indoor use primarily to provide a degree of protection against circulating dust, falling dirt,
and dripping noncorrosive liquids.
13 .......Indoor use primarily to provide a degree of protection against dust, spraying of water, oil,
and noncorrosive coolant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com