Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1113/62 Datasheet(PDF) 9 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/62
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/62 Datasheet(HTML) 9 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/62 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1113/62 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
www.apmhexseal.com
800.498.9034
IEC 60529
DEGREES OF ACCESS
TO HAZARDOUS PARTS,
FIRST CHARACTERISTIC NUMERAL
IEC 60529
DEGREES OF PROTECTION
AGAINST WATER INGRESS,
SECOND CHARACTERISTIC NUMERAL
First Characteristic Numeral:
With Respect to
Solid Foreign Objects
IP
0
Non-protected
1
Protected against solid
foreign objects
≥ 50 mm
diameter
2
Protected against solid
foreign objects
≥ 12.5 mm
diameter
3
Protected against solid
foreign objects
≥ 2.5 mm
diameter
4
Protected against solid
foreign objects
≥ 1.0 mm
diameter
5
Dust-protected (Dust shall
not penetrate in quantity to
interfere with satisfactory
operation of the apparatus
or to impair safety)
6
Dust-tight (No ingress of
dust)
Second Characteristic Numeral:
With Respect to the
Harmful Ingress of Water
IP
0
Non-protected
1
Protected against vertically
falling water drops
2
Protected against vertically
falling water drops when
enclosure tilted up to 15°
3
Protected against spraying
water
4
Protected against
splashing water
5
Protected against water jets
6
Protected against powerful
water jets
7
Protected against the
effects of temporary
immersion in water
8
Protected against the
effects of continuous
immersion in water
IP CODE
UL/NEMA Rating
Nearest Equivalent
IP Code
1
IP 20
2
IP 22
3 & 3S
IP 55
3R
IP 24
4 & 4X
IP 66
5
IP 53
6
IP 67
6P
IP 68
12, 12K & 13
IP 54
IEC has no equivalents to
UL/NEMA enclosure types 7, 8, 9, 10, or 11
IEC enclosure protection requirements are defined in IEC
60529, Degree of Protection Provided by Enclosures (IP
Code). This standard defines protection against hazardous
contact by personnel and by entry of solids and liquids.
Requirements for protection against corrosion and other
in-use conditions are covered by the IEC standard for the
overall product or by requirement specified by the user.
Within this context, Hexseals® and E-Seels®
would have the following Maximum IP Rating:
Toggle Boots
Types 1, 2, 3, 4, 4X
IP 66 / IP 68
5, 6, 6P, 12, 12K, 13
Pushbutton Boots
Types 1, 2, 3, 4, 4X
IP 66 / IP 68
5, 6, 6P, 12, 12K, 13
Rocker Switch Boots
Types 1, 2, 3R,
IP 55
5, 12, 12K, 13
A dual IP code rating indicates protection against both
water jets and water submersion. Rating a product for water
immersion (“7” or “8” second digit) does NOT guarantee
compliance against water jets from equipment hose down
or equal in-use conditions.
*These ratings are based on standardized tests. APM recom-
mends that the user review the actual installation for product
suitability. APM welcomes the opportunity to work with the user
to assist in finding the most cost-effective sealing solution.
Hexseals® and
E-Seels® for:
UL Recognized Ratings
(to Std UL 50)*
IP Rating*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com