Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1113/63 Datasheet(PDF) 19 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/63
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/63 Datasheet(HTML) 19 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/63 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 21Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
www.apmhexseal.com
800.498.9034
Installation Instructions for
Threaded HEXSEAL® &
E-SEEL® Boots
3 to 4 threads (maximum) for
all toggle pushbutton
and rotary shaft seals
(except N5000 series).
2 to 3 threads (maximum) for
N5000 series.
For proper installation of these boots, follow these five sequential
steps. It is EXTREMELY IMPORTANT that the number of threads on
the switch/potentiometer bushing EXPOSED ABOVE THE FRONT
PANEL SURFACE be within the recommendation (see chart above).
Failure to respect these maximums may result in boot damage
(such as tearing).
STEP 1. Remove front mounting nut from switch bushing.
STEP 2. Put threaded bushing through panel.
STEP 3. Adjust back-up nut to allow the specified number of threads
to protrude past front of panel (see Dimension “A” above).
STEP 4. If needed, install appropriate bushing adaptor.
STEP 5. Install switch boot in place of front mounting nut.
RECOMMENDED INSTALLATION TOOLS:
.
Six point hex socket wrench.
.
Spintite.
.
Adjustable wrench (without serrated jaws).
For torque setting, consult factory.
IMPORTANT — CAUTION
STEP 3: THREAD RULE
DIMENSION A
*Unless otherwise noted.
*5/32 thick. Additional sizes, including metric, available. Consult factory.
Inside (Bushing) Thread Size (Class 2B)
Outside (Boot) Thread Size (Class 2A)
APM Part Number
3/8-32
15/32-32
2500/1/5*
15/32-32
11/16-32
2500/1/7
1/2-32
11/16-32
2500/1/10
15/32-32
13/16-32
2500/1/8
1/2-24
13/16-32
2500/1/9
5/8-24
13/16-32
2500/1/11
5/8-24
7/8-32
2500/1/12
3/4-32
7/8-32
2500/1/13*
3/4-20
7/8-32
2500/1/14*
Threaded Bushing Adaptors
Material: Plated Brass
Learn more about our other standard and custom products …
Ask for these catalogs:
Self-Sealing Fasteners
Catalog SF
Circuit Breaker Boots
Catalog CB
Incandescent Lamp Colorizing Filters
Catalog SK
Custom Elastomeric Seals
Catalog CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com