Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1113/63 Datasheet(PDF) 11 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/63
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/63 Datasheet(HTML) 11 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/63 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
www.apmhexseal.com
800.498.9034
DIMENSIONS FOR REFERENCE ONLY.
Current dimensional drawings can be viewed on our website and CAD drawings can also be downloaded.
RoHS
Compliant
A
B
DC
Throat
Height
Distance
Width
Clearance
Military
APM Boot
or I.D.
Between
Boot Hole
Part
Part
Color*
Mtg. Holes
Diameter
Number
Number
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
.315
7.91
.938
23.82
1.813
46.04
.750
19.05
.510
12.95
—
2030
Gray
•
Back-of-Panel Mounted Toggle Switch Boots
Full Toggle Boot
Figure 6
FIGURE 4
FIGURE 6
FIGURE 7
Max.
Toggle
A
APM
Thread
Height
Throat
BC
Military
Boot
Size
Above
or I.D.
Height
Flat
Part
Part
Color
Bushing
Number
Number
(in.)
in.
mm
in.
mm
in.
mm
15⁄32-32NS-2B
.66
.219
5.55
.875
21.44
.625
15.88
—
N-1030A
Gray
•
Armored Full Toggle Boots – IP66/68 Rated
Figure 4
FIGURE 5
FIGURE 5a
Max.
Toggle
AB
C
APM
Thread
Height
Throat
Height
Flat
Military
Boot
Color*
Size
Above
or I.D.
Part
Part
Bushing
Number
Number
(in.)
in.
mm
in.
mm
in.
mm
1⁄4-40NS-2B
.36
.062
1.58
.500
12.70
.375
9.52
—
N-5030L RFI
Gray
•
15⁄32-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
M5423/01-02
IN-1030 RFI
Gray
•
1⁄2-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
—
IN-1030 RFI 1⁄ 2-32
Gray
•
1⁄4-40NS-2B
.28
.062
1.58
.390
9.90
.375
9.52
—
N-5030R RFI
Gray
•
1⁄4-40NS-2B
.50
.062
1.58
.594
15.08
.375
9.52
—
N-5030S RFI
Gray
•
EMI/RFI Shielded Full Toggle Boots – IP66/68 Rated
Figure 5
*Other colors available. Please consult factory.
All standard EMI/RFI boots feature a knitted Monel shield. RFI/EMI shielded boots have an operational life of 15,000 actuations (minimum)
*Other colors available. Please consult factory.
A
B
DC
Throat
Height
Distance
Width
Clearance
Military
APM Boot
or I.D.
Between
Boot Hole
Part
Part
Color*
Mtg. Holes
Diameter
Number
Number
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
.093
2.38
.500
12.70
1.813
46.04
.750
19.05
.510
12.95
M5423/03-01
2030B
Gray
•
Half Toggle Boot (Toggle Actuator Protrudes)
Figure 7
*Other colors available. Please consult factory.
Sealed Switch Panel Cut-Out Sealing Bushing – IP66/68 Rated
Figure 5a
Nickel plated brass cap bonded to boot.
60064
60225
APM
Part
Number
60064
60225
15/32-32
Gray
0.120"
0.105"
0.677"
0.660"
Meets MIL-B-5423/16-01,
MS25196, UL & ULC
Recognized Component
Compatible
Switch
Bushing
Washer
Diameter
Washer
Thickness
Color
Conforms to*
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements
of MIL-Spec MIL-DTL-5423 which we regard as the standard for the switch, circuit breaker and
potentiometer industry. These requirements were formulated based on our original patent.
SEE PAGE 16 FOR FULL DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com