Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1113/63 Datasheet(PDF) 10 Page - APM Hexseal Corporation All Rights Reserved

Part # C1113/63
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/63 Datasheet(HTML) 10 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/63 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
www.apmhexseal.com
800.498.9034
Toggle Switch Boots
SPECIFICATIONS
Material ........................HEXSEALS: Silicone rubber conforms to A-A-59588,
Class 3B, GR 50 (unless otherwise specified).
E-SEELS: Silicone rubber polymer type ASTM D 1418
Mounting Nut ..............HEXSEALS: Brass, nickel-plated
E-SEELS: Brass, black-oxide
Temperature Range....HEXSEALS: -94°F to +400°F (-70°C to +204°C)
E-SEELS: -80°F to +400°F (-62°C to +204°C)
Enclosure Protection..NEMA/UL/ULC Types 1, 2, 3, 3S, 3R, 4, 4X, 6P, 12, 13;
IEC IP66/IP68
Pressure Range ..........Exceeds 15 psi internal and 1500 psi external (N5032B: 10 psi)
Operational Life ..........100,000 actuations (minimum)
Shelf Life .....................Excess of 25 years
Resistant to.................Salt spray, sunlight, ozone, weather, fungus, and most
acids and lubricating oils
Military Specs*............Most HEXSEALS meet MIL-DTL-5423. (See listing on page 6)
Agency Recognition...UL & ULC Recognized Component to UL Std. 50
Installation...................Please see installation instructions on page 19
HOW TO ORDER
Specify APM boot part number and, if necessary, the appropriate
bushing adaptor part number (please see page 19).
HEXSEAL® and E-SEEL® toggle switch boots are molded from a high tear-strength silicone rubber (other materials
available for specific environments) bonded to a built-in mounting nut. Each encloses the base of the protruding switch
bushing and forms a watertight and dust-tight seal against the front panel surface.
FIGURE 1
FIGURE 2
FIGURE 3
Operator
Chamber
*For I.Q. Surround-Nut option, see back cover.
For metric sizes, see page 20.
HEXSEAL® &
E-SEEL® Silicone
Rubber Boot
Secondary Inner
Seal (as shown)
Molded-in
Mounting Nut*
Panel Sealing
Rib (eliminates
need for O-ring)
Panel
Switch
Housing
Switch Housing
Single
Piece
Nautilus
Design
DIMENSIONS FOR REFERENCE ONLY. Current dimensional drawings can be viewed on our website and CAD drawings can also be downloaded.
RoHS
Compliant
Full-Toggle Boot with Integral Secondary Inner Seal – IP66/68 Rated
Figure 1
Half-Toggle Boots (toggle actuator protrudes) – IP66/68 Rated
Figure 3
*Other colors available. Please consult factory.
Max.
Toggle
A
APM
Thread
Height
Throat
BC
Military
Boot
Size
Above
or I.D.
Height
Flat
Part
Part
Color*
Bushing
Number
Number
(in.)
in.
mm
in.
mm
in.
mm
1⁄4-40NS-2B
.31
.104
2.64
.422
10.72
.375
9.58
M5423/04-01
N-5030
Gray
•
1⁄4-40NS-2B
.37
.062
1.53
.500
12.70
.375
9.52
M5423/05-01
N-5030L†
Gray
•
1⁄4-40NS-2B
.28
.062
1.58
.390
9.91
.375
9.52
M5423/05-02
N-5030R
Gray
•
1⁄4-40NS-2B
.50
.062
1.58
.594
15.08
.375
9.52
—
N-5030S
Gray
•
15⁄32-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
M5423/01-01
N-1030
Gray
•
1⁄2-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
—
N-1030 1⁄ 2-32
Gray
•
15⁄32-32NS-2B
.71
.219
5.55
.937
23.81
.625
15.88
—
C1131/27
Black
•
*Other colors available. Please consult factory. †Material conforms to A-A-59588 Gr. 25
Full-Toggle Boots (with constant I.D.) – IP66/68 Rated
Figure 2
*Other colors available. Please consult factory.
Mounting nut material: Aluminum
Max.
Toggle
A
APM
Thread
Height
Throat
BC
Military
Boot
Size
Above
or I.D.
Height
Flat
Part
Part
Color*
Bushing
Number
Number
(in.)
in.
mm
in.
mm
in.
mm
M6 x 0.75
.37
.116
2.95
.562
14.30
.352
9.00
—
1131/25
Black
•
15⁄32-32NS-2B
.437
.210
5.35
.625
15.88
.625
15.88
—
1131/33
Gray
•
M12 x 1
.668
.234
5.95
.859
21.83
.625
15.88
—
1131/40
Black
•
15⁄32-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
—
IN-1030
Gray
•
15⁄32-32NS-2B
.66
.256
6.50
.844
21.44
.625
15.88
—
1131/31
Gray
•
15⁄32-32NS-2B
.90
.219
5.55
1.093
27.77
.625
15.88
—
1131/26
Gray
•
15⁄32-32NS-2B
1.08
.390
9.92
1.328
33.37
.625
15.88
—
N-1002
Gray
•
15⁄32-32NS-2B
.925
.300
7.62
1.110
28.19
.625
15.88
—
50154
Gray
•
1⁄2-32NS-2B
.66
.219
5.55
.844
21.44
.625
15.88
—
IN-1030 1⁄ 2-32
Gray
•
1⁄2-32NS-2B
.66
.256
6.50
.844
21.44
.625
15.88
—
1131/32
Black
•
5⁄8-32UNS-2B
.78
.187
4.76
.844
21.44
.750
19.05
—
1131/23
Gray
•
15⁄32-32NS-2B
.71
.219
5.55
.937
23.80
.625
15.88
—
C1131/28
Black
•
Toggle
Diameter
AB
C
Military
APM
Thread
Accom-
Throat
Height
Flat
Part
Boot
Color*
Size
modated
or I.D.
Number
Part
(in.)
in.
mm
in.
mm
in.
mm
Number
1⁄4-40NS-2B
.062-.188
.047
1.19
.250
6.35
.375
9.53
M5423/11-01
N-5032B††
Gray
•
15⁄32-32NS-2B
.115-.240
.109
2.77
.437
11.10
.625
15.88
M5423/02-01
N-1030B
Gray
•
1⁄2-32NS-2B
.115-.240
.109
2.77
.437
11.10
.625
15.88
—
N-1030B1⁄ 2-32
Gray
•
15⁄32-32NS-2B
.115-.240
.109
2.77
.437
11.10
.625
15.88
—
C1132/20
Black
•
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements of MIL-Spec MIL-
DTL-5423 which we regard as the standard for the switch, circuit breaker and potentiometer industry. These
requirements were formulated based on our original patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com