Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483PCBA-41X Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2483PCBA-41X
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483PCBA-41X Datasheet(HTML) 2 Page - RF Micro Devices

  RF2483PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2 of 28
RF2483
Rev A8 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 3.6
V
Storage Temperature
-40 to +150
°C
Operating Ambient Temperature
-40 to +85
°C
Input Voltage, any pin
-0.5 to 3.6
V
Input Power, any pin
+10
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Supply Voltage*
2.7
3.3
V
Temperature Range*
-40
+85
°C
High Band Frequency Range*
1700
2400
MHz
Bandsel =2.7V
Low Band Frequency Range*
700
1000
MHz
Bandsel =0V
DC Parameters
High Band Supply Current
65
85
110
mA
GC =2.0V, VCC =2.7V, EN =2.7V,
Bandsel =2.7V, IQ =1.2VDC, TA =25oC
Low Band Supply Current
65
85
110
mA
GC =2.0V, VCC =2.7V, EN =2.7V, Bandsel =0V,
IQ =1.2VDC, TA =25oC
Sleep Current
<1.0
10
μA
EN=0V
Logic Levels
Input Logic Low
0
0.5
V
Input Logic High
1.4
VCC
V
Logic Pins Input Current*
<1.0
μA
LO Input Port
High Band Frequency Range*
1700
2400
MHz
Bandsel=2.7V
Low Band Frequency Range*
700
1000
MHz
Bandsel=0V
High Band LO Input Power*
-3
0
6
dBm
Bandsel=2.7V
LO Band LO Input Power*
-3
0
6
dBm
Bandsel=0V
Input Impedance*
50
Ω
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com