Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483PCBA-41X Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2483PCBA-41X
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483PCBA-41X Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2483PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6 of 28
RF2483
Rev A8 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
*=Not tested in production
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q Modulator High Band
(2400MHz)
VCC=2.7V, EN=2.7V, Bandsel=2.7V,
FLO=0dBm, PLO=2400MHz, LO HB and RF
OUT HB ports are matched to 50
Ω.
IQ=800mVP-P at 100kHz 1.2VDC. Input IQ sig-
nals driven differentially and in quadrature
from a 50
Ω source impedance. TA=25oC
Baseband Input Voltage*
1.15
1.2
1.25
V
Common mode voltage
Baseband Input Level
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Ω
Measured at 100kHz
Input Bandwidth*
50
150
MHz
I/Q source impedance 50
Ω
Sideband Suppression
30
34
dBc
GC=2.0V, no I/Q adjustment
30
37
dBc
GC=1.5V, no I/Q adjustment
38
43
dBc
GC=1.0V, no I/Q adjustment
40
47
dBc
GC=0.5V, no I/Q adjustment
Carrier Suppression
30
38
dBc
GC=2.0V, no I/Q adjustment
30
38
dBc
GC=1.5V, no I/Q adjustment
22
32
dBc
GC=1.0V, no I/Q adjustment
16
22
dBc
GC=0.5V, no I/Q adjustment
3rd Harmonic of Modulation
Suppression at FLO-3x100kHz
50
58
dBc
GC=2.0V
50
58
dBc
GC=1.5V
50
59
dBc
GC=1.0V
50
62
dBc
GC=0.5V
Baseband Inputs DC Current
Drain*
100
μA
Baseband Inputs AC Current
Drain*
100
μAPP
Variable Gain Amplifiers High
Band (2400MHz)
VCC=2.7V, EN=2.7V, Bandsel=2.7V,
FLO=0dBm, PLO=2400MHz, LO HB and RF
OUT HB ports are matched to 50
Ω. Input IQ
signals driven differentially and in quadrature
from a 50
Ω source impedance. TA=25oC
Gain Control Voltage Range
0
2.0
V
Gain Control Range
32
35
dB
Difference between output power at GC=2.0V
and GC=0.5V
Gain Control Slope
26
29
33
dB/V
Calculated GC=1.0V and 1.5V
Gain Control Input Impedance*
10
k
Ω
Output Power
-3
0.4
3
dB
GC=2.0V, IQ=800mVP-P at 100kHz
-10
-7
-3
dB
GC=1.5V, IQ=800mVP-P at 100kHz
-22
-18
-14
dB
GC=1.0V, IQ=800mVP-P at 100kHz
-39
-35
-30
dB
GC=0.5V, IQ=800mVP-P at 100kHz
Output Noise at FLO+20MHz*
-155
dBm/Hz
GC=2.0V, IQ=800mVP-P at 100kHz
-156.7
dBm/Hz
GC=2.0V, IQ=0mVP-P
Output P1dB*
+6
dBm
IQ at 100kHz
Output IP3*
+20
dBm
GC=2.0V. Extrapolated from IM3 with two
baseband tones at 90kHz applied differen-
tially, in quadrature, at both I and Q inputs,
each tone 400mVP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com