Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483PCBA-41X Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2483PCBA-41X
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483PCBA-41X Datasheet(HTML) 1 Page - RF Micro Devices

  RF2483PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2483PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 of 28
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
*
*
*
*
* Represents "GND".
3
ISIG P
2
VCC2
1
VCC3
4
ISIG N
5
EN
6
7
8
9
10
11 BAND SEL
12 QSIG N
13 QSIG P
14 VREF
15 GC DEC
16
17
18
19
20
Σ
Mode
Control
&
Biasing
Power
Control
+45°
-45°
+45°
-45°
RF2483
LOW NOISE DUAL-BAND QUADRATURE
MODULATOR WITH AGC
The RF2483 is a dual-band direct I/Q to RF modulator designed for hand-
set applications where multiple modes of operation are required. The
device provides common differential I/Q inputs and a common AGC ampli-
fier. Independent single-ended LO inputs and single-ended high and low
band RF outputs are provided. The device achieves a very low out-of-band
noise density of -156dBm/Hz minimizing RF filtering. Operating from a
single 2.7V supply, the device is assembled in a 4mmx4mm, 20-pin, QFN
package.
Features
Dual-Band Operation 700-
2400MHz
-156dBm/Hz noise@20MHz
offset
+19dBm OIP3
+6dBm OP1dB
35dB Gain Control Range
Single 2.7V to 3.3V Supply
Applications
TDMA/GSM/EDGE Handsets
GSM/EDGE Handsets
W-CDMA Handsets
TDMA-Based Wireless Appli-
cations
Wireless Local Loop
Basestations
RF2483
Low Noise Dual-Band Quadrature Modulator with AGC
RF2483PCBA-41X
Fully Assembled Evaluation Board
Rev A8 DS060203
RF2483Low
Noise Dual-
Band Quadra-
ture Modula-
tor with AGC
RoHS Compliant & Pb-Free Product
Package Style: QFN, 20-Pin, 4x4


Similar Part No. - RF2483PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483PCBA RFMD-RF2483PCBA Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results

Similar Description - RF2483PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
RF Micro Devices
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705G RFMD-RF2705G Datasheet
349Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com