Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5611 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5611 Datasheet HTML 1Page - Monolithic Power Systems MP5611 Datasheet HTML 2Page - Monolithic Power Systems MP5611 Datasheet HTML 3Page - Monolithic Power Systems MP5611 Datasheet HTML 4Page - Monolithic Power Systems MP5611 Datasheet HTML 5Page - Monolithic Power Systems MP5611 Datasheet HTML 6Page - Monolithic Power Systems MP5611 Datasheet HTML 7Page - Monolithic Power Systems MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
3
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW1
Switching node of the ELVDD boost converter.
2
PGND1
Power ground of the ELVDD boost converter.
3
ELVDD
Output of the ELVDD boost converter.
4
FB
Feedback. ELVDD output voltage (VOUT) sense pin.
5
FD
Fast discharge enable and disable during shutdown. Pull this pin high to enable fast
discharge.
6
CT
ELVSS transition time configured pin.
7
AGND
Analog ground.
8
EN_AVDD AVDD boost converter enable pin. Pull this pin high to enable the AVDD converter.
9
CTRL
Digital control. This pin also enables the ELVDD and ELVSS converter.
10
ELVSS
Output of the ELVSS inverting buck-boost (IBB) converter.
11
SW2
Switching node of the ELVSS IBB converter.
12
PVIN
Power supply of the ELVSS IBB converter.
13
AVDD
Output of the AVDD boost converter.
14
PGND2
Power ground of the AVDD boost converter.
15
SW3
Switching node of the AVDD boost converter.
16
AVIN
Power supply for internal circuit.
Exposed pad
Exposed pad. Connect this pin to AGND.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, SW1 ..................................... -0.3V to +5.3V
SW3, AVDD ................................. -0.3V to +10V
ELVSS ........................................ -7.5V to +0.3V
SW2............................................ -7.5V to +5.3V
All other pins............................... -0.3V to +5.3V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Continuous power dissipation (TA = 25°C) (2)
TQFN-16 (3mmx3mm)...............................2.1W
ESD Ratings
Human body model (HBM) ..................... ±1.5kV
Charged device model (CDM)....................±2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) ....................... 2.9V to 5.2V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TQFN-16 (3mmx3
mm)……..….60…...12...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)
– T
A) / θJA. Exceeding the maximum allowable power
dissipation can generate an excessive die temperature, which
may cause the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com