Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5611 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5611 Datasheet HTML 1Page - Monolithic Power Systems MP5611 Datasheet HTML 2Page - Monolithic Power Systems MP5611 Datasheet HTML 3Page - Monolithic Power Systems MP5611 Datasheet HTML 4Page - Monolithic Power Systems MP5611 Datasheet HTML 5Page - Monolithic Power Systems MP5611 Datasheet HTML 6Page - Monolithic Power Systems MP5611 Datasheet HTML 7Page - Monolithic Power Systems MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
4
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.7V, VELVDD/ELVSS/AVDD = default, TA = -40°C to +85°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
General
Operating input voltage
VIN
2.9
5.2
V
Shutdown current
ISD
EN_AVDD = CTRL = 0V
0.1
μA
Quiescent supply current
IQ
VIN = 3.7V, ELVDD switching
1.6
3
mA
Input under-voltage
lockout (UVLO) threshold
VIN_UVLO
Rising edge
2.65
V
Input UVLO hysteresis
300
mV
EN_AVDD/FD high
voltage
VEN_HIGH
Rising VEN
1.35
V
EN_AVDD/FD low voltage
VEN_LOW
Falling VEN
0.4
V
EN_AVDD pull-down
resister
RDOWN
500
k
Ω
Over-temperature
protection (OTP)
threshold (5)
TSD
150
°C
Thermal protection
hysteresis (5)
25
°C
Boost Converter ELVDD
ELVDD voltage
VELVDD
4.6
V
ELVDD voltage variation
TA = 25°C, no load
-0.5
+0.5
%
-40°C to +85°C, no load
-0.8
+0.8
%
Low-side MOSFET
(LS-FET) on resistance
RON_LS_ELVDD
ISW1 = 200mA
160
m
Ω
High-side MOSFET
(HS-FET) on resistance
RON_HS_ELVDD
ISW1 = 200mA
320
m
Ω
Switching frequency
fSW1
1.35
MHz
Current limit
ILIMIT1
1.5
A
Output over-current
protection (OCP)
threshold
IOCP_ELVDD
IOCP_ELVDD = 650mA
650
mA
Short protection threshold
During operation
80
%
Short protection detection
time
During operation
1
ms
ELVDD sense threshold
VTELVDD
Increasing ELVDD-FB
350
mV
Feedback (FB) sense
threshold
VTFB
Decreasing ELVDD-FB
250
mV
ELVDD/FB leakage
current
ILEAKAGE
CTRL = FD = 0V
5
μA
FB pull-down resister
RDOWN_FB
4
M
Ω
Active discharge
resistance
RDS_ELVDD
CTRL = 0V, IELVDD = 1mA
75
Ω
Load regulation (5)
1mA < IELVDD < 300mA
0.2
%/A
Line regulation (5)
2.9V < VIN < 4.3V, IELVDD = 200mA
0.015
%/V
2.9V < VIN < 5.2V, IELVDD = 200mA
1.5 (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com