Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5611 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 3Page - Monolithic Power Systems MP5611 Datasheet HTML 4Page - Monolithic Power Systems MP5611 Datasheet HTML 5Page - Monolithic Power Systems MP5611 Datasheet HTML 6Page - Monolithic Power Systems MP5611 Datasheet HTML 7Page - Monolithic Power Systems MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
7
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.7V, VELVDD/ELVSS/AVDD = default, L1 = L2 = 4.7µH, L3 = 10µH, TA = 25°C, unless otherwise noted.
80
82
84
86
88
90
92
94
96
98
100
0
50
100
LOAD CURRENT (mA)
AVDD Efficiency vs. Load Current
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
LOAD CURRENT (mA)
ELVDD & ELVSS Efficiency vs.
Load Current
5.75
5.76
5.77
5.78
5.79
5.8
5.81
5.82
0
50
100
LOAD CURRENT (mA)
AVDD Load Regulation
4.5
4.55
4.6
4.65
4.7
0
100
200
300
LOAD CURRENT (mA)
ELVDD Load Regulation
-4.3
-4.25
-4.2
-4.15
-4.1
-4.05
-4
-3.95
-3.9
-3.85
-3.8
0
100
200
300
LOAD CURRENT (mA)
ELVSS Load Regulation
1
1.2
1.4
1.6
1.8
2
2.9
3.9
4.9
INPUT VOLTAGE (V)
Switching Frequency vs. V
IN
I
LOAD_ELVDD = 100mA,
I
LOAD_ELVSS = 100mA,
I
LOAD_AVDD = 50mA
FSW_AVDD
FSW_ELVDD
FSW_ELVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com