Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8007 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 18Page - Monolithic Power Systems MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems MP8007 Datasheet HTML 21Page - Monolithic Power Systems MP8007 Datasheet HTML 22Page - Monolithic Power Systems MP8007 Datasheet HTML 23Page - Monolithic Power Systems MP8007 Datasheet HTML 24Page - Monolithic Power Systems MP8007 Datasheet HTML 25Page - Monolithic Power Systems MP8007 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
22
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
GND
FB1
Na
R1
R2
Figure 10: Feedback in isolation application
When the primary-side power MOSFET turns
off, the auxiliary-winding voltage is sampled.
The output voltage is estimated:
S
REF1
1
2
OUT
D1F
2A
N
V(R
R )
VV
RN


(12)
Where,
NS is the transformer secondary-side winding
turns.
NA is the transformer auxiliary winding turns.
VD1F is the rectifier diode forward drop.
VREF1 is the reference voltage of FB1 (1.99V,
typically).
When the primary-side power MOSFET turns
on, the auxiliary winding forces a negative
voltage to FB1. The FB1 voltage is clamped to
less than -0.7V internally, but the clamp current
should be limited to less than -0.5mA by R1.
For example, if the auxiliary winding forces
-11V to R1, to make the current flowing from
FB1 to R1 lower than -0.5mA, R1 resistance
must be higher than 22kΩ (if ignoring R2
current).
Generally, select R2 with a 10kΩ to 50kΩ
resistor
to
limit
noise
and
provide
an
appropriate R1 for the -0.5mA negative current
limit.
In buck application, the feedback pin is FB2.
The output voltage can be estimated:
12
OUT
REF2
2
RR
VV
R

(13)
Where, VREF2 is the reference voltage of FB2
-1.88V, typically.
Maximum Switching Frequency
When DCDC converter works in DCM, the
frequency reaches its maximum value during a
full-load condition. The maximum frequency is
affected by the peak current limit, the
inductance, and the input/output voltage.
Generally, design the maximum frequency must
be lower than 200kHz.
In buck mode, the maximum frequency occurs
when the buck runs in critical continuous
conduction mode. The frequency can be
calculated:
IN
OUT
OUT
SW _ MAX
LIM
IN
(V
V
) V
F
IL V


(14)
Where, ILIM is the IPK set by the current limit
resistor.
With a lighter load, the frequency is lower than
the maximum frequency above.
In
flyback
mode,
design
the
maximum
frequency with the minimum input voltage and
the maximum load condition. Calculate the
frequency with Equation:
SW
ON
CON
DELAY
1
F
TT
T

(15)
Where:
TON is the MOSFET one pulse turn-on time
determined with Equation:
LIM
M
ON
IN
IL
T
V
(16)
LM
is
the
transformer
primary-winding
inductance.
TCON is the rectifier diode current conducting
time and can be calculated:
SLIM
M
CON
POUT
D1F
NI
L
T
N(V
V )


(17)
Where, NS is the transformer secondary-side
winding turns. NP is the transformer primary-
side winding turns.
TDELAY is the resonant delay time from the
rectifier diode current drop to 0A to the
auxiliary-winding voltage drop to 0V. The
resonant time can be tested on the board
(estimate around 0.5μs).
In flyback mode, the DCDC converter samples
the feedback signal within 3μs after the primary-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com