Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8007 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP8007
Fully-Integrated 802.3af-Compatible PoE
PD Interface with 13W Primary-side
Regulated Flyback or Buck Converter
MP8007 Rev.1.0
www.MonolithicPower.com
1
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8007 is an integrated IEEE 802.3af
compatible PoE Powered Device with PD
interface and power converter. It is targeted for
isolated or non-isolated 13W PoE application.
The PD interface has all the functions of IEEE
802.3af,
including
detection,
classification,
120mA inrush current, 840mA operation current
limit as well as 100V Hot-swap MOSFET.
The DCDC converter uses fixed peak current
and
variable
frequency
discontinuous
conduction mode (DCM) to regulate constant
output voltage. The primary-side regulation
without opto-coupler feedback in flyback mode
simplifies
the
design
while
buck
mode
continues minimizes the solution size for non-
isolated applications. A 180V integrated power
MOSFET optimizes the device for various wide
voltage applications.
The MP8007 features protection including over
current protection, over voltage protection, open
circuit protection and thermal shutdown.
The MP8007 can support a front-end solution
for PoE-PD application with minimum external
component,
it
is
available
in
QFN-28
(4mmX5mm) package.
FEATURES
 Compatible with 802.3af Specifications
 Support 13W PoE Power Application
 100V 0.48Ω PD Integrated Pass Switch
 120mA PD Inrush Current
 840mA PD Operation Current Limit
 Auxiliary Adaptor ORing Power Supply
 Integrated 180V Switching Power MOSFET
 Supports Primary-Side Regulated Flyback
without Opto-Coupler Feedback
 Supports Low-side Switch Buck Converter
 Up to 3A Programmable Switching Current
Limit
 OLP, OVP, Open-Circuit, and Thermal
Protection
 Minimal External Components
 Available in QFN-28 (4mmx5mm) Package
APPLICATIONS
IEEE 802.3af-Compliant Devices
Security Camera
VoIP Phones
WLAN Access Points
IoT Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
45
50
55
60
65
70
75
80
85
90
10
100
1000


Similar Part No. - MP8007

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8007 MPS-MP8007 Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results

Similar Description - MP8007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP6004 MPS-MP6004 Datasheet
1Mb / 23P
Primary-Side Regulated Flyback/Buck 80V DCDC Converter
MP8004 MPS-MP8004 Datasheet
1Mb / 22P
13W 802.3af PoE Powered Device Interface with Flyback DC/DC Converter
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com