Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8007 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
5
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD, CLASS, DET, T2P and RTN voltages are referred to VSS, and all other pin voltages are
referred to GND, GND and RTN are shorted together. VDD – VSS = 48V, VSS = 0V; RDET = 24.9kΩ,
RCLASS =41.2Ω. TJ = -40°C to +125°C, typical values are tested at TJ = 25C, unless otherwise
noted.
PD Interface Section
Parameter
Symbol Condition
Min
Typ
Max
Units
Pass Device and Current Limit
On Resistance
RON-RTN IRTN=600mA
0.48
Ω
Leakage Current
IRTN-LK
VDD=VRTN=57V
1
15
μA
Current Limit
ILIMIT
VRTN=1V
720
840
920
mA
Inrush Current Limit
IINRUSH
VRTN=2V
120
mA
Inrush Current Termination
VRTN Falling
1.2
V
Inrush to Operation Mode
Delay
TDELAY
80
100
ms
Current Fold-back Threshold
VRTN Rising
10
V
Fold-back Deglitch Time
VRTN Rising to Inrush Current
Fold-back
1
ms
T2P
T2P Output Low Voltage
IT2P=2mA, respect to VSS
0.1
0.3
V
T2P Output High Leakage
Current
VT2P=48V
1
μA
AUX
AUX High Threshold
Voltage
(9)
Respect to VDD
-2.3
V
AUX Low Threshold
Voltage
(9)
Respect to VDD
-0.6
V
AUX Leakage Current
VDD -VAUX=6V
2
μA
PG
PG Output High Voltage
PG pin floating
5.5
V
Source Current Capability
PG is logic high, pull down PG
pin to 0V
30
μA
PG Pull Down Resistance
PG is logic low, pull up PG pin
to 1V
460
kΩ
PG High-Level Voltage to
Enable DCDC Converter
VPG-EN-H
3.9
V
PG Low-Level Voltage to
Disable DCDC Converter
VPG-EN-L
1.3
V
PD Thermal Shutdown
Thermal Shut down
Temperature
(10)
TPD-SD
150
ºC
Thermal Shut down
Hysteresis
(10)
TPD-HYS
20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com