Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28301PVC Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28301PVC
Description  Frequency Generator for Intel(r) Integrated Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28301PVC Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button CY28301PVC Datasheet HTML 2Page - SpectraLinear Inc CY28301PVC Datasheet HTML 3Page - SpectraLinear Inc CY28301PVC Datasheet HTML 4Page - SpectraLinear Inc CY28301PVC Datasheet HTML 5Page - SpectraLinear Inc CY28301PVC Datasheet HTML 6Page - SpectraLinear Inc CY28301PVC Datasheet HTML 7Page - SpectraLinear Inc CY28301PVC Datasheet HTML 8Page - SpectraLinear Inc CY28301PVC Datasheet HTML 9Page - SpectraLinear Inc CY28301PVC Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY28301
Rev 1.0, November 27, 2006
Page 6 of 13
Byte 2: Control Register 2
Bit
Pin#
Name
Default
Description
Bit 7
20
PCI7
1
(Active/Inactive)
Bit 6
19
PCI6
1
(Active/Inactive)
Bit 5
17
PCI5
1
(Active/Inactive)
Bit 4
16
PCI4
1
(Active/Inactive)
Bit 3
15
PCI3
1
(Active/Inactive)
Bit 2
13
PCI2
1
(Active/Inactive)
Bit 1
12
PCI1
1
(Active/Inactive)
Bit 0
11
PCI0
1
(Active/Inactive)
Byte 3: Control Register 3
Bit
Pin#
Name
Default
Description
Bit 7
8
3V66_2
1
(Active/Inactive)
Bit 6
7
3V66_1
1
(Active/Inactive)
Bit 5
6
3V66_0
1
(Active/Inactive)
Bit 4
54
APIC
1
(Active/Inactive)
Bit 3
–
Reserved
0
Reserved
Bit 2
–
Reserved
0
Reserved
Bit 1
51
CPU1
1
(Active/Inactive)
Bit 0
52
CPU0
1
(Active/Inactive)
Byte 4: Control Register 4
Bit
Pin#
Name
Default
Description
Bit 7
39
SDRAM7
1
(Active/Inactive)
Bit 6
40
SDRAM6
1
(Active/Inactive)
Bit 5
42
SDRAM5
1
(Active/Inactive)
Bit 4
43
SDRAM4
1
(Active/Inactive)
Bit 3
44
SDRAM3
1
(Active/Inactive)
Bit 2
46
SDRAM2
1
(Active/Inactive)
Bit 1
47
SDRAM1
1
(Active/Inactive)
Bit 0
48
SDRAM0
1
(Active/Inactive)
Byte 5: Control Register 5
Bit
Pin#
Name
Default
Description
Bit 7
–
Reserved
0
Reserved
Bit 6
–
Reserved
0
Reserved
Bit 5
–
Reserved
0
Reserved
Bit 4
38
SDRAM_F
1
(Active/Inactive)
Bit 3
26
SDRAM11
1
(Active/Inactive)
Bit 2
27
SDRAM10
1
(Active/Inactive)
Bit 1
30
SDRAM9
1
(Active/Inactive)
Bit 0
31
SDRAM8
1
(Active/Inactive)
Byte 6: Vendor ID and Revision ID Register (Read-only)
Bit
Name
Default
Pin Description
Bit 7
Revision_ID3
0
Revision ID bit[3]
Bit 6
Revision_ID2
0
Revision ID bit[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com