Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57 Datasheet(PDF) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
21 / 24
9
Tables Index
1
Order codes modules (electronics +
enclosure) and PANdrives™ . . . . . . .
6
2
Order codes cable loom . . . . . . . . .
6
3
Length and weight
. . . . . . . . . . . .
7
4
NEMA23 / 57mm and NEMA24 / 60mm
stepper motor technical data . . . . . .
8
5
NEMA24 / 60mm and NEMA34 / 86mm
stepper motor technical data . . . . . .
9
6
Connector and mating connectors . . .
13
7
PD57/60/86-1378 Power supply
connector pin assigment
. . . . . . . .
13
8
PD57/60/86-1378 I/O connector pin
assignment
. . . . . . . . . . . . . . . .
14
9
Motor connector pinning
. . . . . . . .
15
10 LED functionality description . . . . . .
16
12 Electrical Characteristics . . . . . . . . .
18
13 I/O ratings . . . . . . . . . . . . . . . . .
18
14 Functional Characteristics . . . . . . . .
19
15 Other Requirements and Characteristics
19
16 Abbreviations used in this Manual . . .
19
17 Hardware Revision . . . . . . . . . . . .
24
18 Document Revision . . . . . . . . . . . .
24
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com