Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5026MOS Datasheet(PDF) 4 Page - ON Semiconductor

Part # KSC5026MOS
Description  NPN Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSC5026MOS Datasheet(HTML) 4 Page - ON Semiconductor

  KSC5026MOS Datasheet HTML 1Page - ON Semiconductor KSC5026MOS Datasheet HTML 2Page - ON Semiconductor KSC5026MOS Datasheet HTML 3Page - ON Semiconductor KSC5026MOS Datasheet HTML 4Page - ON Semiconductor KSC5026MOS Datasheet HTML 5Page - ON Semiconductor KSC5026MOS Datasheet HTML 6Page - ON Semiconductor KSC5026MOS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5026M Rev. B3
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Switching Time
Figure 6. Safe Operating Area
01
2345
678
9
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
B = 120mA
I
B = 80mA
I
B = 100mA
I
B = 60mA
I
B = 40mA
I
B = 20mA
I
B = 10mA
I
B = 5mA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
100
1
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
0.1
1
10
0.01
0.1
1
10
t
F
t
ON
t
STG
I
C[A], COLLECTOR CURRENT
1
10
100
1000
1E-3
0.01
0.1
1
10
DC
I
C(max).(Pulse)
I
C(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com