Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5026MOS Datasheet(PDF) 3 Page - ON Semiconductor

Part # KSC5026MOS
Description  NPN Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSC5026MOS Datasheet(HTML) 3 Page - ON Semiconductor

  KSC5026MOS Datasheet HTML 1Page - ON Semiconductor KSC5026MOS Datasheet HTML 2Page - ON Semiconductor KSC5026MOS Datasheet HTML 3Page - ON Semiconductor KSC5026MOS Datasheet HTML 4Page - ON Semiconductor KSC5026MOS Datasheet HTML 5Page - ON Semiconductor KSC5026MOS Datasheet HTML 6Page - ON Semiconductor KSC5026MOS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5026M Rev. B3
2
Electrical Characteristics T
A = 25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
1100
V
BVCEO
Collector-Emitter Breakdown Voltage IC = 5mA, IB = 0
800
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
7
V
VCEX(sus)
Collector-Emitter Sustaining Voltage
IC = 0.75A,
IB1 = -IB2 = 0.15A,
L = 5mH, Clamped
800
V
ICBO
Collector Cut-off Current
VCB = 800V, IE = 0
10
μA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
10
μA
hFE1
hFE2
DC Current Gain
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 0.5A
10
8
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 0.75A, IB = 0.15A
2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 0.75A, IB = 0.15A
1.5
V
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
35
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.1A
15
MHz
tON
Turn On Time
VCC = 400V
IC = 5IB1 = -2.5IB2 = 1A
RL = 400Ω
0.5
μs
tSTG
Storage Time
3
μs
tF
Fall Time
0.3
μs
Classification
N
R
O
hFE1
10 ~ 20
15 ~ 30
20 ~ 40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com