Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5026MOS Datasheet(PDF) 2 Page - ON Semiconductor

Part # KSC5026MOS
Description  NPN Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSC5026MOS Datasheet(HTML) 2 Page - ON Semiconductor

  KSC5026MOS Datasheet HTML 1Page - ON Semiconductor KSC5026MOS Datasheet HTML 2Page - ON Semiconductor KSC5026MOS Datasheet HTML 3Page - ON Semiconductor KSC5026MOS Datasheet HTML 4Page - ON Semiconductor KSC5026MOS Datasheet HTML 5Page - ON Semiconductor KSC5026MOS Datasheet HTML 6Page - ON Semiconductor KSC5026MOS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5026M Rev. B3
1
January 2011
KSC5026M
NPN Silicon Transistor
Features
• High Voltage and High Reliability
• High Speed Switching
•Wide SOA
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Package Marking and Ordering Information
* The suffix "M" & "S" of FSID denotes TO126 package and the suffix "O" of FSID denotes hFE-class
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
1.5
A
ICP
Collector Current (Pulse)
5
A
IB
Base Current
0.8
A
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 to 150
°C
Part Number
Marking
Package
Packing Method
Remarks
KSC5026MOS*
C5026M-O
TO-126
BULK
1
TO-126
1. Emitter
2.Collector
3.Base



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com