Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FP Datasheet(PDF) 1 Page - Analog Devices

Part # OP484FP
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FP Datasheet(HTML) 1 Page - Analog Devices

  OP484FP Datasheet HTML 1Page - Analog Devices OP484FP Datasheet HTML 2Page - Analog Devices OP484FP Datasheet HTML 3Page - Analog Devices OP484FP Datasheet HTML 4Page - Analog Devices OP484FP Datasheet HTML 5Page - Analog Devices OP484FP Datasheet HTML 6Page - Analog Devices OP484FP Datasheet HTML 7Page - Analog Devices OP484FP Datasheet HTML 8Page - Analog Devices OP484FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision Rail-to-Rail
Input and Output Operational Amplifiers
OP184/OP284/OP484
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation
Wide bandwidth: 4 MHz
Low offset voltage: 65 μV
Unity-gain stable
High slew rate: 4.0 V/μs
Low noise: 3.9 nV/√Hz
APPLICATIONS
Battery-powered instrumentation
Power supply control and protection
Telecom
DAC output amplifier
ADC input buffer
GENERAL DESCRIPTION
The OP184/OP284/OP484 are single, dual, and quad single-supply,
4 MHz bandwidth amplifiers featuring rail-to-rail inputs and
outputs. They are guaranteed to operate from 3 V to 36 V (or
±1.5 V to ±18 V) and function with a single supply as low as 1.5 V.
These amplifiers are superb for single-supply applications
requiring both ac and precision dc performance. The combi-
nation of bandwidth, low noise, and precision makes the
OP184/OP284/OP484 useful in a wide variety of applications,
including filters and instrumentation.
Other applications for these amplifiers include portable telecom
equipment, power supply control and protection, and as
amplifiers or buffers for transducers with wide output ranges.
Sensors requiring a rail-to-rail input amplifier include Hall
effect, piezo electric, and resistive transducers.
The ability to swing rail-to-rail at both the input and output
enables designers to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios.
The OP184/OP284/OP484 are specified over the hot extended
industrial (–40°C to +125°C) temperature range. The single is
available in 8-lead SOIC surface mount packages. The dual is
available in 8-lead PDIP and SOIC surface mount packages.
The quad OP484 is available in 14-lead PDIP and 14-lead,
narrow-body SOIC packages.
PIN CONFIGURATIONS
1
2
3
4
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
8
7
6
5
NC = NO CONNECT
–
+
TOP VIEW
(Not to Scale)
OP184
Figure 1. 8-Lead SOIC (S-Suffix)
1
2
3
4
8
7
6
5
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
OP284
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead PDIP (P-Suffix)
8-Lead SOIC (S-Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP484
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead PDIP (P-Suffix)
14-Lead Narrow-Body SOIC (S-Suffix)


Similar Part No. - OP484FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP484FP AD-OP484FP Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP484FP AD-OP484FP Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP484FPZ AD-OP484FPZ Datasheet
675Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
More results

Similar Description - OP484FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com