Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FP Datasheet(PDF) 9 Page - Analog Devices

Part # OP484FP
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP484FP Datasheet HTML 5Page - Analog Devices OP484FP Datasheet HTML 6Page - Analog Devices OP484FP Datasheet HTML 7Page - Analog Devices OP484FP Datasheet HTML 8Page - Analog Devices OP484FP Datasheet HTML 9Page - Analog Devices OP484FP Datasheet HTML 10Page - Analog Devices OP484FP Datasheet HTML 11Page - Analog Devices OP484FP Datasheet HTML 12Page - Analog Devices OP484FP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 9 of 24
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
NO LOAD
60
50
40
30
20
10
0
–10
–20
–40
–30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 5V
RL = 2kΩ
TA = 25°C
Figure 17. Open-Loop Gain and Phase vs. Frequency (No Load)
Figure 20. Closed-Loop Gain vs. Frequency (2 kΩ Load)
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
NO LOAD
60
50
40
30
20
10
0
–10
–20
–40
–30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
RL = 2kΩ
TA = 25°C
Figure 18. Open-Loop Gain and Phase vs. Frequency (No Load)
Figure 21. Closed-Loop Gain vs. Frequency (2 kΩ Load)
2500
2000
1500
1000
500
0
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
VS = ±15V
–10V < VO < +10V
RL = 2kΩ
VS = +5V
+1V < VO < +10V
RL = 2kΩ
60
50
40
30
20
10
0
–10
–20
–40
–30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 3V
RL = 2kΩ
TA = 25°C
Figure 19. Open-Loop Gain vs. Temperature
Figure 22. Closed-Loop Gain vs. Frequency (2 kΩ Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com