Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FP Datasheet(PDF) 2 Page - Analog Devices

Part # OP484FP
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FP Datasheet(HTML) 2 Page - Analog Devices

  OP484FP Datasheet HTML 1Page - Analog Devices OP484FP Datasheet HTML 2Page - Analog Devices OP484FP Datasheet HTML 3Page - Analog Devices OP484FP Datasheet HTML 4Page - Analog Devices OP484FP Datasheet HTML 5Page - Analog Devices OP484FP Datasheet HTML 6Page - Analog Devices OP484FP Datasheet HTML 7Page - Analog Devices OP484FP Datasheet HTML 8Page - Analog Devices OP484FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Applications Information .............................................................. 14
Functional Description.............................................................. 14
Input Overvoltage Protection ................................................... 14
Output Phase Reversal............................................................... 15
Designing Low Noise Circuits in Single-Supply
Applications ................................................................................ 15
Overdrive Recovery ................................................................... 16
Single-Supply, 3 V Instrumentation Amplifier ...................... 17
2.5 V Reference from a 3 V Supply .......................................... 17
5 V Only, 12-Bit DAC Swings Rail-to-Rail ............................. 17
High-Side Current Monitor ...................................................... 18
Capacitive Load Drive Capability ............................................ 18
Low Dropout Regulator with Current Limiting..................... 19
3 V, 50 Hz/60 Hz Active Notch Filter with False Ground..... 20
Outline Dimensions ....................................................................... 21
Ordering Guide .......................................................................... 22
REVISION HISTORY
4/06—Rev. C to Rev. D
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Deleted Reference to 1993 System Applications Guide............... 15
3/06—Rev. B to Rev. C
Changes to Figure 1 Caption........................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Changes to Table 4............................................................................ 6
Changes to Figure 5 through Figure 9 ........................................... 7
Changes to Functional Description Section ............................... 14
Deleted SPICE Macro Model ........................................................ 21
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
9/02—Rev. A to Rev. B
Changes to Pin Configurations ...................................................... 1
Changes to Specifications, Input Bias Current Maximum.......... 2
Changes to Ordering Guide ............................................................ 5
Updated Outline Dimensions....................................................... 19
6/02—Rev. 0 to Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com