Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040EVAL Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12D040EVAL
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040EVAL Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12D040EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 18Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 19Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 20Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 21Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Applications Information (Continued)
improve performance. The LMH6702 and the LMH6628
have been successfully used to drive the analog inputs of the
ADC12D040.
Also, it is important that the signals at the two inputs have
exactly the same amplitude and be exactly 180o out of phase
with each other. Board layout, especially equality of the
length of the two traces to the input pins, will affect the
effective phase between these two signals. Remember that
an operational amplifier operated in the non-inverting con-
figuration will exhibit more time delay than will the same
device operating in the inverting configuration.
Operating with the reference pins outside of the speci-
fied range. As mentioned in Section 1.2, V
REF should be in
the range of
1.0V
≤ V
REF
≤ 2.4V
Operating outside of these limits could lead to performance
degradation.
Using a clock source with excessive jitter, using exces-
sively long clock signal trace, or having other signals
coupled to the clock signal trace. This will cause the
sampling interval to vary, causing excessive output noise
and a reduction in SNR and SINAD performance.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com