Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040EVAL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12D040EVAL
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040EVAL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Typical Performance Characteristics V
A =VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz unless
otherwise stated (Continued)
SNR, SINAD, SFDR vs. Temperature
Distortion vs. Supply Voltage
20046058
20046041
Distortion vs. Clock Frequency
Distortion vs. Clock Duty Cycle
20046046
20046049
Distortion vs. Input Frequency
Distortion vs. Reference Voltage
20046043
20046052
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com