Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040EVAL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12D040EVAL
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040EVAL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC12D040EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AC Electrical Characteristics (Continued)
20046007
Note 8: To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
Note 9: With the test condition for VREF = +2.0V (4VP-P differential input), the 12-bit LSB is 977 µV.
Note 10: Typical figures are at TA =TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 11: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive and negative
full-scale.
Note 12: Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
Note 13: Optimum performance will be obtained by keeping the reference input in the 1.8V to 2.4V range. The LM4051CIM3-ADJ (SOT23 package) is
recommended for this application.
Note 14: IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 xf0 +C1 xf1 +....C11 xf11) where VDR is the output driver power supply
voltage, Cn is total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
Note 15: Excludes IDR. See note 14.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com