Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP462GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP462GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP462GS Datasheet(HTML) 5 Page - Analog Devices

  OP462GS Datasheet HTML 1Page - Analog Devices OP462GS Datasheet HTML 2Page - Analog Devices OP462GS Datasheet HTML 3Page - Analog Devices OP462GS Datasheet HTML 4Page - Analog Devices OP462GS Datasheet HTML 5Page - Analog Devices OP462GS Datasheet HTML 6Page - Analog Devices OP462GS Datasheet HTML 7Page - Analog Devices OP462GS Datasheet HTML 8Page - Analog Devices OP462GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 5 of 20
@ VS = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 3. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP162G, OP262G, OP462G
25
325
µV
−40°C ≤ TA ≤ +125°C
800
µV
H grade, –40°C ≤ TA ≤ +125°C
1
mV
D grade
0.8
3
mV
−40°C ≤ TA ≤ +125°C
5
mV
Input Bias Current
IB
260
500
nA
−40°C ≤ TA ≤ +125°C
650
nA
Input Offset Current
IOS
±2.5
±25
nA
−40°C ≤ TA ≤ +125°C
±40
nA
Input Voltage Range
VCM
–5
+4
V
Common-Mode Rejection
CMRR
−4.9 V ≤ VCM ≤ +4.0 V, –40°C ≤ TA ≤ +125°C
70
110
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, –4.5 V ≤ VOUT ≤ +4.5 V
35
V/mV
RL = 10 kΩ, –4.5 V ≤ VOUT ≤ +4.5 V
75
120
V/mV
−40°C ≤ TA ≤ +125°C
25
V/mV
Long-Term Offset Voltage1
VOS
G grade
600
µV
Offset Voltage Drift2
∆VOS/∆T
1
µV/°C
Bias Current Drift
∆IB/∆T
250
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250 µA, –40°C ≤ TA ≤ +125°C
4.95
4.99
V
IL= 5 mA
4.85
4.94
V
Output Voltage Swing Low
VOL
IL = 250 µA, –40°C ≤ TA ≤ +125°C
–4.99
–4.95
V
IL= 5 mA
–4.94
–4.85
V
Short-Circuit Current
ISC
Short to ground
±80
mA
Maximum Output Current
IOUT
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.35 V to ±6 V,
−40°C ≤ TA ≤ +125°C
60
110
dB
Supply Current/Amplifier
ISY
OP162, VOUT = 0 V
650
800
µA
−40°C ≤ TA ≤ +125°C
1.15
mA
OP262, OP462, VOUT = 0 V
550
775
µA
−40°C ≤ TA ≤ +125°C
1
mA
Supply Voltage Range
VS
3.0 (±1.5)
12 (±6)
V
DYNAMIC PERFORMANCE
Slew Rate
SR
−4 V < VOUT < 4 V, RL = 10 kΩ
13
V/µs
Settling Time
tS
To 0.1%, AV = –1, VO = 2 V step
475
ns
Gain Bandwidth Product
GBP
15
MHz
Phase Margin
φm
64
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.5
µV p-p
Voltage Noise Density
en
f = 1 kHz
9.5
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.4
pA/√Hz
1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125°C, with an LTPD of 1.3.
2 Offset voltage drift is the average of the −40°C to +25°C delta and the +25°C to +125°C delta.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com