Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP462GS Datasheet(PDF) 10 Page - Analog Devices

Part # OP462GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP462GS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP462GS Datasheet HTML 6Page - Analog Devices OP462GS Datasheet HTML 7Page - Analog Devices OP462GS Datasheet HTML 8Page - Analog Devices OP462GS Datasheet HTML 9Page - Analog Devices OP462GS Datasheet HTML 10Page - Analog Devices OP462GS Datasheet HTML 11Page - Analog Devices OP462GS Datasheet HTML 12Page - Analog Devices OP462GS Datasheet HTML 13Page - Analog Devices OP462GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 10 of 20
FREQUENCY (Hz)
7
6
5
4
3
1
2
0
1
10
100
1k
VS = 5V
TA = 25°C
Figure 25. Current Noise Density vs. Frequency
FREQUENCY (Hz)
300
250
200
150
50
100
0
100k
1M
10M
VS = 5V
TA = 25°C
AVCL = 10
AVCL = 1
Figure 26. Output Impedance vs. Frequency
FREQUENCY (Hz)
90
80
70
60
50
30
40
20
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
Figure 27. CMRR vs. Frequency
FREQUENCY (Hz)
90
80
70
60
50
30
40
20
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
+PSRR
–PSRR
Figure 28. PSRR vs. Frequency
100
90
10
0%

VS = 5V
AV = 100kΩ
en = 0.5µV p-p
2s
20mV
Figure 29. 0.1 Hz to 10 Hz Noise
10
0%
100
90
VIN = 12V p-p
VS = ±5V
AV = 1
2V
2V
20
µs
Figure 30. No Phase Reversal (VIN = 12 V p-p, VS = ±5 V, AV = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com