Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP462GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP462GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP462GS Datasheet(HTML) 1 Page - Analog Devices

  OP462GS Datasheet HTML 1Page - Analog Devices OP462GS Datasheet HTML 2Page - Analog Devices OP462GS Datasheet HTML 3Page - Analog Devices OP462GS Datasheet HTML 4Page - Analog Devices OP462GS Datasheet HTML 5Page - Analog Devices OP462GS Datasheet HTML 6Page - Analog Devices OP462GS Datasheet HTML 7Page - Analog Devices OP462GS Datasheet HTML 8Page - Analog Devices OP462GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
15 MHz Rail-to-Rail
Operational Amplifiers
OP162/OP262/OP462
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 15 MHz
Low offset voltage: 325 µV max
Low noise: 9.5 nV/√Hz @ 1 kHz
Single-supply operation: 2.7 V to 12 V
Rail-to-rail output swing
Low TCVOS: 1 µV/°C typ
High slew rate: 13 V/µs
No phase inversion
Unity-gain stable
APPLICATIONS
Portable instrumentation
Sampling ADC amplifier
Wireless LANs
Direct access arrangement
Office automation
GENERAL DESCRIPTION
The OP162 (single), OP262 (dual), and OP462 (quad) rail-to-
rail 15 MHz amplifiers feature the extra speed new designs
require, with the benefits of precision and low power operation.
With their incredibly low offset voltage of 45 µV (typical) and
low noise, they are perfectly suited for precision filter applica-
tions and instrumentation. The low supply current of 500 µA
(typical) is critical for portable or densely packed designs. In
addition, the rail-to-rail output swing provides greater dynamic
range and control than standard video amplifiers.
These products operate from single supplies as low as 2.7 V to
dual supplies of ±6 V. The fast settling times and wide output
swings recommend them for buffers to sampling A/D converters.
The output drive of 30 mA (sink and source) is needed for
many audio and display applications; more output current can
be supplied for limited durations. The OPx62 family is specified
over the extended industrial temperature range (–40°C to
+125°C). The single OP162 amplifiers are available in 8-lead
SOIC, MSOP, and TSSOP packages. The dual OP262 amplifiers
are available in 8-lead SOIC and TSSOP packages. The quad
OP462 amplifiers are available in 14-lead, narrow-body SOIC
and TSSOP packages.
PIN CONFIGURATIONS
NULL
1
–IN A
2
+IN A
3
V–
4
NULL
8
V+
7
OUT A
6
NC
5
NC = NO CONNECT
OP162
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body SOIC (S Suffix)
TOP VIEW
(Not to Scale)
1
2
3
4
OP162
–IN A
+IN A
V–
NULL
8
7
6
5
V+
OUT A
NC
NULL
NC = NO CONNECT
Figure 2. 8-Lead TSSOP (RU Suffix)
8-Lead MSOP (RM Suffix)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP262
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead Narrow-Body SOIC (S Suffix)
TOP VIEW
(Not to Scale)
1
2
3
4
OP262
–IN A
+IN A
V–
OUT A
8
7
6
5
OUT B
–IN B
+IN B
V+
Figure 4. 8-Lead TSSOP (RU Suffix)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B
7
OUT C
8
OP462
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead Narrow-Body SOIC (S Suffix)
1
2
3
4
5
6
7
OP462
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead TSSOP (RU Suffix)


Similar Part No. - OP462GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP462GS AD-OP462GS Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
OP462GS AD-OP462GS Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462GS-REEL AD-OP462GS-REEL Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462GS-REEL7 AD-OP462GS-REEL7 Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462GSZ AD-OP462GSZ Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
More results

Similar Description - OP462GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
OP162 AD-OP162 Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
Rail-to-Rail Operational Amplifiers
logo
Analog Devices
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com