Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD549 Datasheet(PDF) 6 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD549
Rev. H | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
15
10
5
0
0
5
10
15
20
VIN+
VIN–
SUPPLY VOLTAGE (±V)
Figure 2. Input Voltage Range vs. Supply Voltage
20
15
10
5
0
0
5
10
15
20
+VOUT
25°C
RL = 10kΩ
–VOUT
SUPPLY VOLTAGE (±V)
Figure 3. Output Voltage Swing vs. Supply Voltage
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD RESISTANCE (Ω)
VS = ±15V
Figure 4. Output Voltage Swing vs. Load Resistance
800
700
600
500
400
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 5. Quiescent Current vs. Supply Voltage
120
100
110
90
80
70
–20
–10
0
10
20
INPUT COMMON-MODE VOLTAGE (V)
Figure 6. CMRR vs. Input Common-Mode Voltage
3000
1000
300
100
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 7. Open-Loop Gain vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com