Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD549 Datasheet(PDF) 8 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD549
Rev. H | Page 8 of 20
100
80
60
40
20
0
–20
–40
100
–40
–20
0
20
40
60
80
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 14. Open-Loop Frequency Response
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 15. Large Signal Frequency Response
100
80
60
40
20
0
–20
10
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
Figure 16. CMRR vs. Frequency
120
100
80
60
40
20
0
–20
10
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
+PSSR
–PSSR
Figure 17. PSRR vs. Frequency Response
10
–10
–5
0
5
01
3
24
SETTLING TIME (µs)
5
10mV
5mV
1mV
10mV
5mV
1mV
Figure 18. Output Voltage Swing and Error vs. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com